Electronic Components Datasheet Search
  English  ▼

X  

AFE7900IALK Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7900IALK
Description  AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7900IALK Datasheet(HTML) 97 Page - Texas Instruments

Back Button AFE7900IALK Datasheet HTML 93Page - Texas Instruments AFE7900IALK Datasheet HTML 94Page - Texas Instruments AFE7900IALK Datasheet HTML 95Page - Texas Instruments AFE7900IALK Datasheet HTML 96Page - Texas Instruments AFE7900IALK Datasheet HTML 97Page - Texas Instruments AFE7900IALK Datasheet HTML 98Page - Texas Instruments AFE7900IALK Datasheet HTML 99Page - Texas Instruments AFE7900IALK Datasheet HTML 100Page - Texas Instruments AFE7900IALK Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 157 page
background image
6.12.9 TX Typical Characteristics at 1.8GHz (continued)
Typical values at TA = +25°C with nominal supplies. Unless otherwise noted, TX input data rate = 491.52MSPS, fDAC =
11796.48MSPS, interleave mode, AOUT = –1 dBFS, 1st Nyquist zone output, Internal PLL, fREF = 491.52MSPS, 24x
Interpolation, DSA = 0 dB, Sin(x)/x enabled, Dither = 1, DSA calibrated, TX Clock Dither Enabled
Output Frequency (MHz)
1500
1600
1700
1800
1900
2000
2100
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
fDAC = 8847.36MSPS, interleave mode, 1.8 GHz matching,
includes PCB and cable losses
Figure 6-345. TX Single Tone (–6 dBFS) Output Spectrum at 1.8
GHz (±300 MHz)
Output Frequency (MHz)
0
1000 2000 3000 4000 5000 6000 7000 8000 9000
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
Tone = 3.0dBm
HD2 = -60.0dBm
HD3 = -57.1dBm
IL2 = -48.0dBm
IL3 = -57.1dBm
fDAC = 8847.36MSPS, interleave mode, 1.8 GHz matching,
includes PCB and cable losses. ILn = fS/n ± fOUT.
Figure 6-346. TX Single Tone (–1 dBFS) Output Spectrum at 1.8
GHz (0-fDAC)
Output Frequency (MHz)
1500
1600
1700
1800
1900
2000
2100
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
fDAC = 8847.36MSPS, interleave mode, 1.8 GHz matching,
includes PCB and cable losses
Figure 6-347. TX Single Tone (–1 dBFS) Output Spectrum at 1.8
GHz (±300 MHz)
Output Frequency (MHz)
0
1000 2000 3000 4000 5000 6000 7000 8000 9000
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Tone = -8.4dBm
HD2 = -85.8dBm
HD3 = -86.1dBm
IL2 = -81.3dBm
IL3 = -72.0dBm
fDAC = 8847.36MSPS, straight mode, 1.8 GHz matching,
includes PCB and cable losses. ILn = fS/n ± fOUT and is due to
mixing with digital clocks.
Figure 6-348. TX Single Tone (–12 dBFS) Output Spectrum at
1.8 GHz (0-fDAC)
Output Frequency (MHz)
1500
1600
1700
1800
1900
2000
2100
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
fDAC = 8847.36MSPS, straight mode, 1.8 GHz matching,
includes PCB and cable losses
Figure 6-349. TX Single Tone (–12 dBFS) Output Spectrum at
1.8 GHz (±300 MHz)
Output Frequency (MHz)
0
1000 2000 3000 4000 5000 6000 7000 8000 9000
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Tone = -2.4dBm
HD2 = -71.7dBm
HD3 = -74.6dBm
IL2 = -73.9dBm
IL3 = -66.0dBm
fDAC = 8847.36MSPS, straight mode, 1.8 GHz matching,
includes PCB and cable losses. ILn = fS/n ± fOUT and is due to
mixing with digital clocks.
Figure 6-350. TX Single Tone (–6 dBFS) Output Spectrum at 1.8
GHz (0-fDAC)
www.ti.com
AFE7900
SBASA44A – AUGUST 2021 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
97
Product Folder Links: AFE7900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com