Electronic Components Datasheet Search
  English  ▼

X  

LP5891 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LP5891
Description  LP5891 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5891 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP5891 Datasheet HTML 35Page - Texas Instruments LP5891 Datasheet HTML 36Page - Texas Instruments LP5891 Datasheet HTML 37Page - Texas Instruments LP5891 Datasheet HTML 38Page - Texas Instruments LP5891 Datasheet HTML 39Page - Texas Instruments LP5891 Datasheet HTML 40Page - Texas Instruments LP5891 Datasheet HTML 41Page - Texas Instruments LP5891 Datasheet HTML 42Page - Texas Instruments LP5891 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
Table 7-8. FC1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
40-37
LINE_SWT
R/W
0111b
Set the scan line switch time.
0000b: 45 GCLK
0001b: 2x30 GCLK
...
0111b: 8x30 GCLK
...
1111b: 16x30 GCLK
46-41
BLK_ADJ
R/W
000000b
Set the black field adjustment
000000b: 0 GCLK
...
011111b: 31 GCLK
...
111111b: 63 GCLK
47
RESERVED
R
0b
Reserved bit.
7.7.3 FC2
FC2 is shown in FC2 Register and described in FC2 Register Field Descriptions.
Figure 7-31. FC2 Register
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
MPSM
_EN
RESE
RVED
MOD_SIZE
SUBP_
MAX_2
56
CH_B_
IMMU
NITY
CH_G_
IMMU
NITY
CH_R_
IMMU
NITY
RESERVED
LG_COLOR_B
R/
W-0b
R-0b
R/W-111b
R/
W-0b
R/
W-1b
R/
W-1b
R/
W-1b
R-000b
R/W-0000b
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
LG_COLOR_G
LG_COLOR_R
DE_COUPLE1_B
DE_COUPLE1_G
R/W-0000b
R/W-0000b
R/W-0000b
R/W-0000b
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DE_COUPLE1_R
V_PDC_B
V_PDC_G
V_PDC_R
R/W-0000b
R/W-0110b
R/W-0110b
R/W-0110b
Table 7-9. FC2 Register Field Descriptions
Bit
Field
Type
Reset
Description
3-0
V_PDC_R
R/W
0110b
Set the Red pre_discharge voltage (typical), the voltage value
must not be higher than (VR-1.3V).
0000b: 0.1V
0001b: 0.2V
0010b: 0.3V
0011b: 0.4V
0100b: 0.5V
0101b: 0.6V
0110b: 0.7V
0111b: 0.8V
1000b: 0.9V
1001b: 1.0V
1010b: 1.1V
1011b: 1.3V
1100b: 1.5V
1101b: 1.7V
1110b: 1.9V
1111b: 2.1V
www.ti.com
LP5891
SLDS269A – MARCH 2022 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: LP5891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com