Electronic Components Datasheet Search
  English  ▼

X  

LP5891 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # LP5891
Description  LP5891 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5891 Datasheet(HTML) 49 Page - Texas Instruments

Back Button LP5891 Datasheet HTML 45Page - Texas Instruments LP5891 Datasheet HTML 46Page - Texas Instruments LP5891 Datasheet HTML 47Page - Texas Instruments LP5891 Datasheet HTML 48Page - Texas Instruments LP5891 Datasheet HTML 49Page - Texas Instruments LP5891 Datasheet HTML 50Page - Texas Instruments LP5891 Datasheet HTML 51Page - Texas Instruments LP5891 Datasheet HTML 52Page - Texas Instruments LP5891 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The LP5891 integrates 48 constant current sources and 16 scanning FETs. A single LP5891 is capable of driving
16 × 16 RGB LED pixels while stacking two LP5891 devices can drive 32 × 32 RGB LED pixels. To achieve
low power consumption, the LP5891 supports separated power supplies for the red, green, and blue LEDs by its
common cathode structure.
The LP5891 implements a high speed rising edge transmission interface (up to 50 MHz) to support high device
count daisy-chained and high refresh rate while minimizing electrical-magnetic interference (EMI). SCLK must
be continuous, no matter there is data on SIN or not, because SCLK is not only used to sample the data on
SIN, but also used as a clock source to generate GCLK by internal frequency multiplier. Based on rising-edge
CCSI protocol, all the commands/FC registers/SRAM data are written from the SIN input terminal, and all the
FC registers/ LED open and short flag can be read out from the SOUT output terminal. Moreover, the device
supports up to 160-MHz GCLK frequency and can achieve 16-bit PWM resolution, with 3840 Hz or even higher
refresh rate.
Meanwhile, the LP5891 integrates enhanced circuits and intelligent algorithms to solve the various display
challenges in Narrow Pixel Pitch (NPP) LED display applications and mini and micro-LED products: dim at the
first scan line, upper and downside ghosting, non-uniformity in low grayscale, coupling, caterpillar caused by
open or short LEDs, which make the LP5891 a perfect choice in such applications.
The LP5891 also implements LED open, weak short, short detections and removals during operations and can
also report this information out to the accompanying digital processor.
8.2 Typical Application
The LP5891 are typically connected in series in a daisy-chain to drive the LED matrix with only a few controller
ports. Figure 8-1 shows a typical application diagram with two LP5891 devices stackable connection to drive 32
× 32 RGB LED pixels.
www.ti.com
LP5891
SLDS269A – MARCH 2022 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: LP5891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com