Electronic Components Datasheet Search
  English  ▼

X  

LP5891 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP5891
Description  LP5891 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5891 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP5891 Datasheet HTML 14Page - Texas Instruments LP5891 Datasheet HTML 15Page - Texas Instruments LP5891 Datasheet HTML 16Page - Texas Instruments LP5891 Datasheet HTML 17Page - Texas Instruments LP5891 Datasheet HTML 18Page - Texas Instruments LP5891 Datasheet HTML 19Page - Texas Instruments LP5891 Datasheet HTML 20Page - Texas Instruments LP5891 Datasheet HTML 21Page - Texas Instruments LP5891 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
Table 7-4. Line Switch Time (continued)
LINE_SW
T
GCLK
Numbers
T_SW (us, 40
MHZ GCLK)
T_SW (us, 60 MHZ
GCLK)
T_SW (us, 100 MHZ
GCLK)
T_SW (us, 120 MHZ
GCLK)
T_SW (us, 160 MHZ
GCLK)
1010b
330
8.25
5.511
3.3
2.739
2.079
1011b
360
9
6.012
3.6
2.988
2.268
1100b
390
9.75
6.513
3.9
3.237
2.457
1101b
420
10.5
7.014
4.2
3.486
2.646
1110b
450
11.25
7.515
4.5
3.735
2.835
1111b
480
12
8.016
4.8
3.984
3.024
7.3.5 Protections and Diagnostics
7.3.5.1 Thermal Shutdown Protection
The thermal shutdown (TSD) function turns off all IC constant-current outputs when the junction temperature (TJ)
exceeds 170°C (typical). The function resumes normal operation when TJ falls below 155°C (typical).
7.3.5.2 IREF Resistor Short Protection
The IREF resistor short protection (ISP) function prevents unwanted large currents from flowing through the
constant-current output when the IREF resistor is shorted accidently. The LP5891 device turns off all output
channels when the IREF pin voltage is lower than 0.19 V (typical). When the IREF pin voltage goes higher than
0.325 V (typical), the LP5891 device resumes normal operation.
7.3.5.3 LED Open Load Detection and Removal
7.3.5.3.1 LED Open Detection
The LED Open Detection (LOD) function detects faults caused by an open circuit in any LED, or a short from
OUTn to VLED with low impedance. This function was realized by comparing the OUTn voltage to the LOD
detection threshold voltage level set by LODVTH_R/LODVTH_G/LODVTH_B (See FC3 for more details). If the
OUTn voltage is higher than the programmed voltage, the corresponding output LOD bit is set to 1 to indicate
an open LED. Otherwise, the output of that LOD bit is 0. LOD data output by the detection circuit are valid only
during the OUTn turning on period.
Figure 7-8 shows the equivalent circuit of LED open detection.
LP5891
SLDS269A – MARCH 2022 – REVISED MAY 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LP5891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com