Electronic Components Datasheet Search
  English  ▼

X  

LP5891 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LP5891
Description  LP5891 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5891 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP5891 Datasheet HTML 25Page - Texas Instruments LP5891 Datasheet HTML 26Page - Texas Instruments LP5891 Datasheet HTML 27Page - Texas Instruments LP5891 Datasheet HTML 28Page - Texas Instruments LP5891 Datasheet HTML 29Page - Texas Instruments LP5891 Datasheet HTML 30Page - Texas Instruments LP5891 Datasheet HTML 31Page - Texas Instruments LP5891 Datasheet HTML 32Page - Texas Instruments LP5891 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
7.5.3.6 Data Write Command
The device can receive the function control with broadcast and non-broadcast way, which depends on the
configuration of the devices. If the cascaded devices have the same configuration, broadcast is used,. If the
cascaded devices have the different configurations, non-broadcast is used. It is always the MSB transmitted first
and the LSB transmitted last. For 48-bits RGB data, the Blue data must be transmitted first, then the Green, and
last the Red data.
For broadcast, the devices receive the same data, when devices recognize the broadcast command, they copy
the data to their internal registers. Generally, it is used for write FC0-FC13 command, LOD/LSD.
Figure 7-21. Data Write Command with Broadcast
Figure 7-22 shows the time diagram of the Data Write Command with Broadcast.
Figure 7-22. Data Write Command with Broadcast (Timing Diagram)
For non-broadcast, the devices receive the different data, the controller prepares the data as the figure shows.
One pixel data is written to the corresponding device in each command. When the first device receives the END,
it cuts off the last 51-bit (3 × 17-bit) data before the END, and the left are shifted out from SDO to the second
device. Similarly, when the second device receives the END bytes from the former device, it cuts off the last
51-bit (3 × 17-bit) data before the END, and the left are shifted out to the next device. Generally, it is used for
write SRAM command (WRTGS). Details for how to write a frame data into memory bank can be found in Write
a Frame Data into Memory Book.
Figure 7-23. Data Write Command with Non-Broadcast
www.ti.com
LP5891
SLDS269A – MARCH 2022 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LP5891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com