Electronic Components Datasheet Search
  English  ▼

X  

LP5891 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP5891
Description  LP5891 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5891 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP5891 Datasheet HTML 5Page - Texas Instruments LP5891 Datasheet HTML 6Page - Texas Instruments LP5891 Datasheet HTML 7Page - Texas Instruments LP5891 Datasheet HTML 8Page - Texas Instruments LP5891 Datasheet HTML 9Page - Texas Instruments LP5891 Datasheet HTML 10Page - Texas Instruments LP5891 Datasheet HTML 11Page - Texas Instruments LP5891 Datasheet HTML 12Page - Texas Instruments LP5891 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
¿
:%;=N
+:0 + +:1 + ® + +:14 + +:15
16
F Ideal Output Current
Ideal Output Current
O×100
Ideal current is calculated by the following equation:
+
+&'#.
_4(KN ) KN $) =
8
+4'(
4
+4'(
× )#+0($%) ×
1 + %%_4(KN %%_) KN %%_$)
256
spacer
(3)
Line regulation is calculated by the following equation. (X = R or G or B, n = 0-15):
∆ %V = IXn at VLED=5.5 V − IXn at VLED=2.5 V
IXn at VLED=2.5 V
× 100
5.5 V−2.5 V
spacer
(4)
Load regulation is calculated by the following equation. (X = R or G or B, n = 0-15):
∆ %V = IXn at VXn=1 V − IXn at VXn=3 V
IXn at VXn=3 V
× 100
3 V−1 V
spacer
6.6 Timing Requirements
At VCC = VR = 2.8 V, VG/B = 3.8 V, TA = –40°C to +85°C for LP5891RRFR and LP5891ZXLR while TA = –40°C to +125°C for
LP5891MRRFR; Typical values are at TA = 25°C (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSCLK
Clock frequency (SCLK)
50
MHz
tw(H0)
High level pulse duration (SCLK)
9
ns
tw(L0)
Low level pulse duration (SCLK)
9
ns
tsu(0)
Set-up time
SIN to SCLK↑
10
ns
th(0)
Hold time
SCLK↑ to SIN↑↓
2
ns
6.7 Switching Characteristics
At VCC = VR = 2.8 V, VG/B = 3.8 V, TA = –40°C to +85°C for LP5891RRFR and LP5891ZXLR while TA = –40°C to +125°C for
LP5891MRRFR; Typical values are at TA = 25°C (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Rise time (SOUT)
VCC = 3.3 V, CSOUT = 30 pF
2
10
ns
tf
Fall time (SOUT)
VCC = 3.3 V, CSOUT = 30 pF
2
10
ns
tpd(0)
Propagation delay
SCLK↑ to SOUT↑↓, full temperature,
CSOUT = 30 pF
3.5
14.2
ns
(1). Input pulse rise and fall time is 2 ns typically.
Figure 6-1. Timing and Switching Diagram
www.ti.com
LP5891
SLDS269A – MARCH 2022 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LP5891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com