Electronic Components Datasheet Search
  English  ▼

X  

LP5891 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP5891
Description  LP5891 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5891 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP5891 Datasheet HTML 17Page - Texas Instruments LP5891 Datasheet HTML 18Page - Texas Instruments LP5891 Datasheet HTML 19Page - Texas Instruments LP5891 Datasheet HTML 20Page - Texas Instruments LP5891 Datasheet HTML 21Page - Texas Instruments LP5891 Datasheet HTML 22Page - Texas Instruments LP5891 Datasheet HTML 23Page - Texas Instruments LP5891 Datasheet HTML 24Page - Texas Instruments LP5891 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
Figure 7-11. LED Open Caterpillar
The LP5891 implements circuits that can eliminate the caterpillar issue caused by open LEDs. The LED open
caterpillar removal function is configured by LOD_RM_EN (see FC0 for more details). When LOD_RM_EN is set
to 1b, the caterpillar removal function is enabled. The corresponding channel OUTn is turned off when scanning
to line with open LED, The caterpillar issue is eliminated until device resets or LOD_RM_EN is set to 0b.
The internal caterpillar elimination circuit can handle a maximum of three lines that have open LEDs fault
condition. If there are open LEDs located in three or fewer lines, the LP5891 is able to handle the open LEDs all
in these lines. If there are open LEDs in more than three lines, the caterpillar issue is solved for the lines where
the first three open LEDs were detected, but the open LEDs in the fourth and subsequent lines still cause the
caterpillar issue.
7.3.5.4 LED Short and Weak Short Circuitry Detection and Removal
7.3.5.4.1 LED Short/Weak Short Detection
The LED short detection (LSD) function detects faults caused by a short circuit in any LED. This function was
realized by comparing the OUTn voltage to the LSD threshold voltage. If the OUTn voltage is lower than the
www.ti.com
LP5891
SLDS269A – MARCH 2022 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LP5891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com