Electronic Components Datasheet Search
  English  ▼

X  

LP5891 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP5891
Description  LP5891 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5891 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5891 Datasheet HTML 2Page - Texas Instruments LP5891 Datasheet HTML 3Page - Texas Instruments LP5891 Datasheet HTML 4Page - Texas Instruments LP5891 Datasheet HTML 5Page - Texas Instruments LP5891 Datasheet HTML 6Page - Texas Instruments LP5891 Datasheet HTML 7Page - Texas Instruments LP5891 Datasheet HTML 8Page - Texas Instruments LP5891 Datasheet HTML 9Page - Texas Instruments LP5891 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
THERMAL METRIC(1)
LP5891
UNIT
RRF (VQFN)
ZXL (BGA)
76 PINS
96 PINS
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics
At VCC = VR = 2.8 V, VG/B = 3.8 V, TA = –40°C to +85°C for LP5891RRFR and LP5891ZXLR while TA = –40°C to +125°C for
LP5891MRRFR; Typical values are at TA = 25°C (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Device supply voltage
2.5
5.5
V
VUVR
Undervoltage restart
VCC rising
2.3
V
VUVF
Undervoltage shutdown
VCC falling
2.0
V
VUV(HYS)
Undervoltage shutdown
hysteresis
0.1
V
ICC
Device supply current
SCLK/SIN = 10 MHz,
MPSM_EN=1bit, Matrix PSM enable,
internal GCLK off, GSn = 0000h, BC
= 2h, CCR/G/B = 63h, PS_EN= 1h,
VOUTn = floating, RIREF = 7.8 kΩ (In
intelligent power save mode)
0.9
mA
SCLK/SIN = 10 MHz, Standby
enable, internal GCLK off, GSn =
0000h, BC = 2h, CCR/G/B = 63h,
PS_EN= 1h, VOUTn = floating,
RIREF = 7.8 kΩ (In intelligent power
save mode)
0.9
mA
SCLK/SIN = 10 MHz,
PSP_MOD=1bit, internal
GCLK=50MHz, GSn = 0000h, BC =
2h, CCR/G/B = 63h, PS_EN= 1h,
VOUTn = floating, RIREF = 7.8 kΩ (In
power save mode)
3.6
mA
SCLK = 10 MHz, internal GCLK =
50 MHz, GSn = 1FFFh, BC = 2h,
CCR/G/B = 63h,VOUTn = floating,
RIREF = 7.8 kΩ, ICH = 2 mA
3.6
mA
SCLK = 10 MHz, internal GCLK =
100 MHz, GSn = 1FFFh, BC = 2h,
CCR/G/B = 63h, VOUTn = floating,
RIREF = 7.8 kΩ, ICH = 2 mA
4.9
mA
VR/G/B
LED supply voltage
2.5
5.5
V
VIH
High level input voltage (SCLK,
SIN)
0.7 × VCC
V
VIL
Low level input voltage (SCLK,
SIN)
0.3 × VCC
V
VOH
High level output voltage (SOUT) IOH = –2 mA at SOUT
VCC-0.4
VCC
V
VOL
Low level output voltage (SOUT) IOL = 2 mA at SOUT
0.4
V
ILOGIC
Logic pin current (SCLK, SIN)
SCLK/SIN = VCC or GND
-1
1
uA
RDS(ON)
Scan switches' on-state
resistance (LINE0 to LINE15)
VCC = 2.8 V, TA= 25°C
190
mΩ
VIREF
Reference voltage
SCLK/SIN = GND, internal GCLK=
0MHz, GSn = 0000h, BC = 2h,
CCR/G/B = 63h, VOUTn = floating,
RIREF = 7.8 kΩ
0.8
V
LP5891
SLDS269A – MARCH 2022 – REVISED MAY 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LP5891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com