Electronic Components Datasheet Search
  English  ▼

X  

TCD6000 Datasheet(PDF) 4 Page - Tripath Technology Inc.

Part # TCD6000
Description  6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCD6000 Datasheet(HTML) 4 Page - Tripath Technology Inc.

  TCD6000 Datasheet HTML 1Page - Tripath Technology Inc. TCD6000 Datasheet HTML 2Page - Tripath Technology Inc. TCD6000 Datasheet HTML 3Page - Tripath Technology Inc. TCD6000 Datasheet HTML 4Page - Tripath Technology Inc. TCD6000 Datasheet HTML 5Page - Tripath Technology Inc. TCD6000 Datasheet HTML 6Page - Tripath Technology Inc. TCD6000 Datasheet HTML 7Page - Tripath Technology Inc. TCD6000 Datasheet HTML 8Page - Tripath Technology Inc. TCD6000 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
4
TCD6000 – Rev. 1.0/09.04
Switching Characteristics
TA = 25 °C. Unless otherwise noted, the MCK frequency is 12.288 MHz and the measurement bandwidth is
20kHz. See Application/Test Circuit on page 8.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fMCK
Master Clock Timing
Frequency
Duty Cycle
8.192
40
24.56
60
MHz
%
fLRCK
Left-Right Clock Timing
1X Mode
2X Mode
4X Mode
32
44.1
96
192
48
KHz
KHz
kHz
tBITCK
Serial Interface Timing
BITCK period
1X Mode
2X Mode
4X Mode
488.2
354.3
177.1
88.6
325.5
ns
ns
ns
tSCK
tSCKL
tSCKH
tSDAset
tSDAhold
tSDA rise
tSDAfall
Control Interface Timing
SCK Period
SCK Pulse Width Low
SCK Pulse Width High
SDA Setup Time
SDA Hold Time
SDA Rise Time
SDA Fall Time
200
80
80
40
40
20
20
ns
ns
ns
ns
ns
ns
ns
LRCK
BITCLK
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com