Electronic Components Datasheet Search
  English  ▼

X  

TCD6000 Datasheet(PDF) 1 Page - Tripath Technology Inc.

Part # TCD6000
Description  6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCD6000 Datasheet(HTML) 1 Page - Tripath Technology Inc.

  TCD6000 Datasheet HTML 1Page - Tripath Technology Inc. TCD6000 Datasheet HTML 2Page - Tripath Technology Inc. TCD6000 Datasheet HTML 3Page - Tripath Technology Inc. TCD6000 Datasheet HTML 4Page - Tripath Technology Inc. TCD6000 Datasheet HTML 5Page - Tripath Technology Inc. TCD6000 Datasheet HTML 6Page - Tripath Technology Inc. TCD6000 Datasheet HTML 7Page - Tripath Technology Inc. TCD6000 Datasheet HTML 8Page - Tripath Technology Inc. TCD6000 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
1
TCD6000 – Rev. 1.0/09.04
TCD6000
6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING
DIGITAL POWER PROCESSINGTM TECHNOLOGY
General Description
The TCD6000 is a high-performance 6-channel digital audio amplifier processor. It receives 6 digital audio
channels (3 pairs) and outputs 6 complementary single-bit digital data streams suitable for driving Tripath or
other switching output stages.
The TCD6000 accepts data at audio sample rates ranging from 32kHz to 192kHz and incorporates digital
interpolation and sigma-delta conversion to produce streamed digital output signals. When combined with
switching output stages, the TCD6000 allows the implementation of a complete digital audio system
incorporating Class-T Digital Audio Amplification.
Features
Class-T architecture combining ultra-low
distortion with high efficiency
Inputs support I
2S and other PCM audio
formats
Up to 24-bit resolution (16, 18, 20, and 24
bit)
104dB dynamic range
THD+N less than 0.03%
Input sampling rates up to 192kHz
I
2C compatible interface
Stereo headphone amplifier
Predictive Gain Control
Digital volume control
128dB range
1/2 dB step size in 1/8 dB increments
Zero crossing detection for click free
transitions
Optional mute mode leaves headphone
amplifiers operating
Automatic DC offset cancellation
130uV noise floor (PGC = 1/8, low post gain)
Digital de-emphasis filtering for 32, 44.1 and
48kHz sampling rates
MCK
Channel 1 & 2
Channel 3 & 4
Channel 5 & 6
BITCK
LRCK
Y1/B
Y2/B
Y3/B
Y4/B
Y5/B
Y6/B
FB1P/N
FB2P/N
FB3P/N
FB4P/N
FB5P/N
FB6P/N
Class-T Signal Processor
Class-T Signal Processor
Class-T Signal Processor
Class-T Signal Processor
Class-T Signal Processor
Class-T Signal Processor
Digital Filter Engine
Digital Filter Engine
Digital Filter Engine
Digital Filter Engine
Digital Filter Engine
Digital Filter Engine
HP1
HP2
I2C Port
Reference
Voltages
Control Signals
Technical Information – Preliminary
Revision 1.0 – September 2004


Similar Part No. - TCD6000

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TCD6001 TRIPATH-TCD6001 Datasheet
411Kb / 43P
6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
More results

Similar Description - TCD6000

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TA3020 TRIPATH-TA3020 Datasheet
284Kb / 29P
Stereo 300W (4?? Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology
TK2350 TRIPATH-TK2350 Datasheet
699Kb / 36P
STEREO 300W (4 OHM ) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TA2041A TRIPATH-TA2041A Datasheet
330Kb / 19P
FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TCD6001 TRIPATH-TCD6001 Datasheet
411Kb / 43P
6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA1400 TRIPATH-TDA1400 Datasheet
479Kb / 25P
MONO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA2075A TRIPATH-TDA2075A Datasheet
459Kb / 24P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA2125A TRIPATH-TDA2125A Datasheet
97Kb / 1P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
EB-TA1101B TRIPATH-EB-TA1101B Datasheet
543Kb / 9P
Class-T Digital Audio Amplifier Evaluation Board using Digital Power ProcessingTM Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com