Electronic Components Datasheet Search
  English  ▼

X  

TCD6000 Datasheet(PDF) 11 Page - Tripath Technology Inc.

Part # TCD6000
Description  6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCD6000 Datasheet(HTML) 11 Page - Tripath Technology Inc.

Back Button TCD6000 Datasheet HTML 7Page - Tripath Technology Inc. TCD6000 Datasheet HTML 8Page - Tripath Technology Inc. TCD6000 Datasheet HTML 9Page - Tripath Technology Inc. TCD6000 Datasheet HTML 10Page - Tripath Technology Inc. TCD6000 Datasheet HTML 11Page - Tripath Technology Inc. TCD6000 Datasheet HTML 12Page - Tripath Technology Inc. TCD6000 Datasheet HTML 13Page - Tripath Technology Inc. TCD6000 Datasheet HTML 14Page - Tripath Technology Inc. TCD6000 Datasheet HTML 15Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
11
TCD6000 – Rev. 1.0/09.04
or writing. When the last bit is HIGH, the master is reading from a register on the slave. When the last bit is
LOW, the master is writing to a register on the slave.
ADDR2
ADDR1
TCD6000 write
address
TCD6000 read
address
0
0
80h
81h
0
1
82h
83h
1
0
84h
85h
1
1
86h
87h
The I
2C interface consists of a serial data input (SDA) and a clock input (SCK) and is capable of both
reading and writing. Both SCK and SDA are bidirectional lines connected to VD33 via a pull-up resistor.
When the bus is free both lines are HIGH.
The SCK clock frequency is typically less than 400 kHz. Data is transmitted serially in groups of 8 bits,
followed by an acknowledge bit. The data on the SDA line is expected to be stable while SCK is HIGH.
start
stop
A7
A6
A5
A4
A3
A2
A1
R/W
D7
D6
D5
D4
D3
D2
D1
D0
ACK
ACK
SCK
SDA
A START condition is defined as a HIGH to LOW transition on the data line while the SCL line is held HIGH.
After this has been transmitted by the master, the bus is considered busy. The next byte of data transmitted
after the start condition contains the address of the slave in the first 7 bits and the eighth bit tells whether the
master is receiving data from the slave or transmitting data to the slave. When an address is sent, each
device in the system compares the first seven bits after a start condition with its address. If they match, the
device considers itself addressed by the master. Data transfer with acknowledge is obligatory. The
transmitter must release the SDA line during the acknowledge pulse. The receiver must then pull the data
line LOW so that it remains stable low during the HIGH period of the acknowledge clock pulse. A receiver
which has been addressed is obliged to generate an acknowledge after each byte of data has been
received. The receiver can hold the SCK line LOW after an acknowledge to force the transmitter to wait until
the receiver is ready to accept another byte.
When addressed as a slave, the following protocol must be adhered to, once a slave acknowledge has been
returned, an 8-bit sub-address will be transmitted. If the LSB of the slave address was ‘1’, a repeated
START condition will have to be issued after the address byte; if the LSB is ‘0’ the master will transmit to the
slave with direction unchanged.
When the master writes data to the slave, the following events occur:
0.
SDA and SCK are both HIGH.
1.
A start condition is generated when the master pulls SDA LOW.
2.
The master begins toggling SCK and transmits the slave’s device address on SDA with a 0 in
the LSB (ex. 80h).
3.
On the ninth SCK pulse, the master releases SDA and the slave acknowledges by pulling SDA
LOW.
4.
The slave holds SCK low until it is ready to receive the next byte.
5.
The slave releases SCK and the master begins toggling SCK and transmits the control register
address on SDA.
6.
On the ninth SCK pulse, the master releases SDA and the slave acknowledges by pulling SDA
LOW.
7.
The slave holds SCK low until it is ready to receive the next byte.
8.
The slave releases SCK and the master begins toggling SCK and transmits the data byte on
SDA.
9.
On the ninth SCK pulse, the master releases SDA and the slave acknowledges by pulling SDA
LOW.
10. The slave holds SCK low until it is ready to receive the next byte.
11. To transmit additional data bytes, repeat steps 8 through 10.
12. A stop condition is generated when SCK is released and SDA goes HIGH while SCK is still
high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com