Electronic Components Datasheet Search
  English  ▼

X  

TCD6000 Datasheet(PDF) 8 Page - Tripath Technology Inc.

Part # TCD6000
Description  6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCD6000 Datasheet(HTML) 8 Page - Tripath Technology Inc.

Back Button TCD6000 Datasheet HTML 4Page - Tripath Technology Inc. TCD6000 Datasheet HTML 5Page - Tripath Technology Inc. TCD6000 Datasheet HTML 6Page - Tripath Technology Inc. TCD6000 Datasheet HTML 7Page - Tripath Technology Inc. TCD6000 Datasheet HTML 8Page - Tripath Technology Inc. TCD6000 Datasheet HTML 9Page - Tripath Technology Inc. TCD6000 Datasheet HTML 10Page - Tripath Technology Inc. TCD6000 Datasheet HTML 11Page - Tripath Technology Inc. TCD6000 Datasheet HTML 12Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
8
TCD6000 – Rev. 1.0/09.04
TCD6000 Connection Diagram
QB
VNN
3.3V
FAULT
DETECT
3.3V
Rp
Ra
5V
2
3
4
5
1
PCM AUDIO
SOURCE
Cs
0.1uF
0.1uF
0.1uF
Ra
Cs
0.1uF
POWER STAGE
AND
FEEDBACK
10
Rp
QA
POWER STAGE
AND
FEEDBACK
RESET
Rd
Cv2bg
0.1uF
Cs
0.1uF
Ch
100u;10V
ADDRESS
Cv2bg
0.1uF
5V
5V
POWER STAGE
AND
FEEDBACK
POWER STAGE
AND
FEEDBACK
3.3V
3.3V
2-WIRE
CONTROL
Ch
100u;10V
3.3V
VPP
5V
Connect ground planes at a
single location near TCD6000.
100
1
3
7
8
9
10
11
12
13
14
15
16
17
19
20
21
22
23
30
31
32
33
34
35
36
37
38
39
43
44
46
47
48
49
50
56
60
61
62
63
64
65
66
67
68
69
70
71
72
74
75
82
83
84
85
86
87
88
89
93
94
95
96
97
98
99
VCLAMP
FB2P
FB2N
FB3N
FB3P
FAULT
FB4N
FB4P
HMUTE
FB5N
FB5P
TST_EN
FB6N
FB6P
OVRLDB
Y1
Y1B
Y2
Y2B
Y3
Y3B
Y4
Y4B
VA50
GA
Y5
Y5B
Y6
Y6B
VA33
VA33
GA
GA
GD
VD18CAP
VD33
GA
GD
MCK
SCK
SDA
DATA12
DATA34
DATA56
BITCK
LRCK
VD18EN
RESETB
TESTMODE
ADDR2
ADDR1
GD
VD33
VD18CAP
GD
GA
GA
REXT
V2BGFILT
VA33
V2BG
HP1
HP2
GA
VA50
FB1P
FB1N
5V
10
Cs
0.1uF
Cs
0.1uF
Cs
0.1uF
Rext
10K 1%
POWER STAGE
AND
FEEDBACK
3.3V
Cs
0.1uF
Rb
POWER STAGE
AND
FEEDBACK
+
4.7uF
Cs
0.1uF
Cs
0.1uF
0.1uF
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com