Electronic Components Datasheet Search
  English  ▼

X  

TCD6000 Datasheet(PDF) 7 Page - Tripath Technology Inc.

Part # TCD6000
Description  6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCD6000 Datasheet(HTML) 7 Page - Tripath Technology Inc.

Back Button TCD6000 Datasheet HTML 3Page - Tripath Technology Inc. TCD6000 Datasheet HTML 4Page - Tripath Technology Inc. TCD6000 Datasheet HTML 5Page - Tripath Technology Inc. TCD6000 Datasheet HTML 6Page - Tripath Technology Inc. TCD6000 Datasheet HTML 7Page - Tripath Technology Inc. TCD6000 Datasheet HTML 8Page - Tripath Technology Inc. TCD6000 Datasheet HTML 9Page - Tripath Technology Inc. TCD6000 Datasheet HTML 10Page - Tripath Technology Inc. TCD6000 Datasheet HTML 11Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
7
TCD6000 – Rev. 1.0/09.04
64
DATA12
3.3V Logic Input
PCM audio input for channels 1 and 2
65
DATA34
3.3V Logic Input
PCM audio input for channels 3 and 4
66
DATA56
3.3V Logic Input
PCM audio input for channels 5 and 6
67
BITCK
3.3V Logic Input
PCM audio bit clock input
68
LRCK
3.3V Logic Input
PCM audio left/right clock input
69
VD18EN
3.3V Logic Input
1.8V internal regulator enable
70
RESETB
3.3V Logic Input
Reset input – resets internal registers
71
TESTMODE
3.3V Logic Input
Test mode enable – must be kept grounded
72
ADDR2
3.3V Logic Input
Chip address select 2
73
TEST
Float
Test pin – must be kept floating
74
ADDR1
3.3V Logic Input
Chip address select 1
75
GD
Ground
Digital ground
76
GA
Ground
Analog ground
77
NC
Not connected internally
must be kept floating
78
NC
Not connected internally
must be kept floating
79
TEST
Float
Test pin – must be kept floating
80
TEST
Float
Test pin – must be kept floating
81
TEST
Float
Test pin – must be kept floating
82
VD33
Power
3.3V digital power supply
83
VD18CAP
Output
Decoupling point for internal 1.8V regulator
84
GD
Ground
Digital ground
85
GA
Ground
Analog ground
86
GA
Ground
Analog ground
87
REXT
Output
Analog current reference input – requires 10K ohms +/- 1% to GA
88
V2BGFILT
Output
Reference Voltage
89
VA33
Power
3.3V analog power supply
90
GA
Ground
Analog ground
91
NC
Not connected internally
must be kept floating
92
NC
Not connected internally
must be kept floating
93
V2BG
Output
Reference Voltage
94
HP1
Output
Headphone amplifier output channel 1
95
HP2
Output
Headphone amplifier output channel 2
96
GA
Ground
Analog ground
97
VA50
Power
5V analog power supply
98
FB1P
5V Logic Output
Switching feedback
99
FB1N
5V Logic Output
Switching feedback
100
VCLAMP
Input
Soft clamp threshold voltage input to control audio signal clipping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com