Electronic Components Datasheet Search
  English  ▼

X  

TCD6000 Datasheet(PDF) 33 Page - Tripath Technology Inc.

Part # TCD6000
Description  6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCD6000 Datasheet(HTML) 33 Page - Tripath Technology Inc.

Back Button TCD6000 Datasheet HTML 28Page - Tripath Technology Inc. TCD6000 Datasheet HTML 29Page - Tripath Technology Inc. TCD6000 Datasheet HTML 30Page - Tripath Technology Inc. TCD6000 Datasheet HTML 31Page - Tripath Technology Inc. TCD6000 Datasheet HTML 32Page - Tripath Technology Inc. TCD6000 Datasheet HTML 33Page - Tripath Technology Inc. TCD6000 Datasheet HTML 34Page - Tripath Technology Inc. TCD6000 Datasheet HTML 35Page - Tripath Technology Inc. TCD6000 Datasheet HTML 36Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
33
TCD6000 – Rev. 1.0/09.04
Figure 3 - Feedback network for bridged configurations (1 channel shown)
In bridged configurations like the one shown in Figure 3, R1 is absent (infinity). Since the feedback is now
bridged, the feedback voltage should be cut in half to 2Vpp.
To solve for the values of the feedback resistors in a bridged configuration:
Ω
=
1K
typically
specified,
User
R2
2
2
-
VPP
*
2
R
K
25
R2
*
25K
R3
+
=
For example, in a system with VPPMAX=30V,
R2 = 1k
Ω, 1%
R3 = 13.462k
Ω, use 13.3kΩ, 1%
VCLAMP PIN BIASING
The VCLAMP pin must have a DC voltage applied which is proportional to the peak to peak voltage swing of
the power output switching stage in the amplifier system. More explicitly, the potential at VCLAMP should be
0.525 times the peak to peak differential voltage seen at each channel's feedback pins (i.e., the full final
value voltage swing neglecting any RC settling time effects). This means that the component values used in
the circuitry biasing the VCLAMP pin are a direct function of the chosen feedback network components. In a
full bridged system, proper VCLAMP biasing is achieved via a simple two resistor divider between V+ (the
output stage power supply) and ground, shown in the right-hand portion of the circuit below (excluding the
portion in the dotted line box). In a single ended (half bridge) system, VCLAMP biasing is achieved by the
entire six element circuit below.
Y
YB
FBN
FBP
R2
R2
R3
R3
TCD6000
V+
LC filter
C
L
V+
LC filter
L
C
Power
Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com