Electronic Components Datasheet Search
  English  ▼

X  

TCD6000 Datasheet(PDF) 2 Page - Tripath Technology Inc.

Part # TCD6000
Description  6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCD6000 Datasheet(HTML) 2 Page - Tripath Technology Inc.

  TCD6000 Datasheet HTML 1Page - Tripath Technology Inc. TCD6000 Datasheet HTML 2Page - Tripath Technology Inc. TCD6000 Datasheet HTML 3Page - Tripath Technology Inc. TCD6000 Datasheet HTML 4Page - Tripath Technology Inc. TCD6000 Datasheet HTML 5Page - Tripath Technology Inc. TCD6000 Datasheet HTML 6Page - Tripath Technology Inc. TCD6000 Datasheet HTML 7Page - Tripath Technology Inc. TCD6000 Datasheet HTML 8Page - Tripath Technology Inc. TCD6000 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
2
TCD6000 – Rev. 1.0/09.04
Absolute Maximum Ratings
SYMBOL
PARAMETER
Min
Max
UNITS
VD33
3.3V Digital Power Supply
-0.3
4.0
V
VA33
3.3V Analog Power Supply
-0.3
4.0
V
VA50
5V Analog Power Supply
-0.3
6.0
V
Vlogic3
Input Logic Level (DATAx, MCK, BITCLK, LRCLK, SCK,
SDA, RESET, ADDRx)
-0.3
VD33+0.3
V
Vin5
Input Level (VCLAMP, FBxx, FAULT)
-0.3
VD50+0.3
TA
Operating Free-air Temperature Range
-40
85
°C
TSTORE
Storage Temperature Range
-55
150
°C
TJMAX
Maximum Junction Temperature
150
°C
ESDHB
ESD Susceptibility – Human Body Model (Note 2) All pins
2000
V
ESDMM
ESD Susceptibility – Machine Model (Note 3) All pins
200
V
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
See the table below for Operating Conditions.
Note 2: Human body model, 100pF discharged through a 1.5K
Ω resistor.
Note 3: Machine model, 220pF – 240pF discharged through all pins.
Recommended Operating Conditions (Note 4)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VA50
5V Analog Power Supply
4.5
5
5.5
V
VA33
3.3V Analog Power Supply
3.0
3.3
3.6
V
VD33
3.3V Digital Power Supply
3.0
3.3
3.6
V
VHI-3
Vlogic3 Input High
2.1
VD33
V
VLO-3
Vlogic3 Input Low
0
0.8
V
TA
Operating Temperature Range
-40
25
85
C
Note 4: Recommended Operating Conditions indicate conditions for which the device is functional.
See Digital, Analog, and Switching Characteristics for guaranteed specific performance limits.
Power and Thermal Characteristics
TA = 25 °C. See Application/Test Circuit on page 8.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PTOTAL
Total Power Dissipation
VA50 = 5.0V
VA33 = 3.3V
VD33 = 3.3V
880
mW
IA50
VA50 Power Supply Current
VA50 = 5.0V
65
90
mA
IA33
VA33 Power Supply Current
VA33 = 3.3V
50
mA
ID33
VD33 Power Supply Current
VD33 = 3.3V
20
mA
I33
Combined VD33+VA33 Power Supply
Current (Note 5)
VD33 = 3.3V
VA33 = 3.3V
100
mA
θJA
Junction-to-ambient Thermal Resistance
(still air)
35
°
C/W
Note 5: Separate IA33 and ID33 maximums are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com