Electronic Components Datasheet Search
  English  ▼

X  

TCD6000 Datasheet(PDF) 22 Page - Tripath Technology Inc.

Part # TCD6000
Description  6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCD6000 Datasheet(HTML) 22 Page - Tripath Technology Inc.

Back Button TCD6000 Datasheet HTML 18Page - Tripath Technology Inc. TCD6000 Datasheet HTML 19Page - Tripath Technology Inc. TCD6000 Datasheet HTML 20Page - Tripath Technology Inc. TCD6000 Datasheet HTML 21Page - Tripath Technology Inc. TCD6000 Datasheet HTML 22Page - Tripath Technology Inc. TCD6000 Datasheet HTML 23Page - Tripath Technology Inc. TCD6000 Datasheet HTML 24Page - Tripath Technology Inc. TCD6000 Datasheet HTML 25Page - Tripath Technology Inc. TCD6000 Datasheet HTML 26Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
22
TCD6000 – Rev. 1.0/09.04
The Soft-Mute function will turn off volume selectively on any of the 6 channels. Setting control bits M1
through M6 to ‘1’ will issue a Soft-Mute on the corresponding channels. If the VRE bit in the Volume Change
Control Register is set, the volume will first ramp down at a rate defined by the Volume Ramp Rate Register.
Soft-Mute has no affect on whether the differential outputs (Y1 and Y1B through Y6 and Y6B) continue to
switch or not. Clearing bits M1 through M6 to ‘0’ will re-establish volume on all channels at a rate defined by
the Volume Ramp Enable settings.
The Hard-Mute function is enabled by setting control bit HM high. This function starts with a Soft-Mute on all
channels simultaneously. If the VRE bit in the Volume Change Control Register is set, the volume will first
ramp down at a rate defined by the Volume Ramp Rate Register. Once volume is turned off on all channels,
all differential outputs (Y1 and Y1B through Y6 and Y6B) stop switching. This will reduce power consumption
in the power stages driven by the TCD6000.
When control bit HM is cleared to ‘0’, the Hard-Mute condition is removed, and the TCD6000 goes through
an automatic DC calibration cycle. Once the calibration cycle is complete, volume is re-established on all
channels at a rate defined by the Volume Ramp Enable settings.
The Auto-Mute function is enabled by setting the AM bit to ‘1’. This function detects digital silence (all data
input bits at 0) on all 6 channels lasting more than a pre-defined delay. It then issues a Hard-Mute. The
delay is determined by the contents of the Auto-Mute Timing Register (described below). Upon arrival of
non-zero data on any channel, the Hard-Mute condition is automatically removed. The volume on all 6
channels is re-established at a rate defined by the Volume Ramp Enable settings. The Auto-Mute function
reduces power consumption in the power stages during periods of silence.
Auto-Mute Timing
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
2Dh
Auto-Mute Timing
AM7
AM6
AM5
AM4
AM3
AM2
AM1
AM0
Default
0
0
0
0
0
0
0
0
This register is only used if the Auto-Mute function is enabled. Its contents specify the duration of silence on
all 6 channels before a Hard-Mute condition is issued. If the number entered is “N”, the duration of silence is
equal to:
(2N + 1) x (1,048,576 periods of LRCK)
As an example, if N = 1 and the period of LRCK is 22.67usec, the period of silence required before a Hard-
Mute condition is issued is:
3 x 1,048,576 x 22.67usec = 71.3 seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com