Electronic Components Datasheet Search
  English  ▼

X  

HS5L Datasheet(PDF) 9 Page - IDEC Corporation

Part # HS5L
Description  Interlock Switches with Solenoid(2-Contact)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

HS5L Datasheet(HTML) 9 Page - IDEC Corporation

Back Button HS5L Datasheet HTML 5Page - IDEC Corporation HS5L Datasheet HTML 6Page - IDEC Corporation HS5L Datasheet HTML 7Page - IDEC Corporation HS5L Datasheet HTML 8Page - IDEC Corporation HS5L Datasheet HTML 9Page - IDEC Corporation HS5L Datasheet HTML 10Page - IDEC Corporation HS5L Datasheet HTML 11Page - IDEC Corporation HS5L Datasheet HTML 12Page - IDEC Corporation HS5L Datasheet HTML 13Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
42
41
52
51
24
23
12
11
21 22
12
11
42
41
12
11
A2
A1
Door Monitor
(Actuator
inserted)
Lock Monitor
(Solenoid ON)
HS5L Interlock Switches with Solenoid (2-Contact)
Circuit Diagrams and Operating Characteristics
Solenoid Lock
Interlock Switch Status
Status 1
Status 2
Status 3
Status 4
Door Closed
Machine ready to
operate
Solenoid energized
Door Closed
Machine cannot be
operated
Solenoid de-energized
Door open
Machine cannot be
operated
Solenoid de-energized
Door open
Machine cannot be
operated
Solenoid energized
Door Status
Circuit Example: HS5L-XD7Y
Door
Closed (locked)
Closed (unlocked)
Open
Open
HS5L-XD7Y
Monitor Circuit
(door closed)
11-12
Monitor Circuit
(locked)
41-42
HS5L-XF7Y (Note 3)
Monitor Circuit
(door closed)
11-12
Monitor Circuit
(door closed)
21-22
HS5L-XG7Y (Note 3)
Monitor Circuit
(door closed)
11-12
Monitor Circuit
(door open)
23-24
HS5L-XH7Y
Monitor Circuit
(locked)
41-42
Monitor Circuit
(locked)
51-52
Solenoid Power A1-A2 (all models)
OFF (energized)
OFF (de-energized)
OFF (de-energized)
ON (energized)
(Note 2)
Note 1: Do not unlock manually while the solenoid is energized.
Note 2: Do not energize the solenoid for a long period of time while the door is open or while the door is unlocked
manually.
Note 3: Circuit codes XF and XG do not have signals to notify whether the switch is locked or unlocked. A different
method should be used to check the lock status.
• The contact configuration shows the status when the actuator is inserted and the switch is locked.
• Monitor Circuit: Sends monitoring signals of protective door open/closed status (door monitor) or protective door
lock/unlock status (lock monitor).
Operation Characteristics (Reference)
Unlocking using
Manual Unlock Key
Door Closed
Machine cannot be operated
Solenoid de-energized ➝
energized
When unlocking
manually
UNLOCK
LOCK
Closed (unlocked)
(Note 1) (Note 2)
OFF (de-energized)
➝ ON (energized)
Approx. 26.4
Approx. 5.3
Approx. 6.9
Approx. 3.3 (Locked position)
0
(Stroke: mm)
(Actuator Mounting Reference Position)
: Contacts OFF
(open)
: Contacts ON
(closed)
Lock Monitor Circuit (unlocked, NO)
Main Circuit
Door Monitor Circuit (door open, NO)
Lock Monitor Circuit (locked, NC)
Door Monitor Circuit (door closed, NC)
11 12
42
41
(−)
(+)
A2
A1
(−)
(+)
A2
A1
11 12
42
41
(−)
(+)
A2
A1
42
41
11 12
(−)
(+)
A2
A1
42
41
11 12
(−)
(+)
A2
A1
11 12
42
41
• The operation characteristics shown in the chart above are for HS9Z-A51. For other actuators, add 1.3mm.
• See page 21 for HS9Z-BA5.
• The operation characteristics show the contact status when the actuator enters the entry port of an interlock switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com