Electronic Components Datasheet Search
  English  ▼

X  

HS5L Datasheet(PDF) 3 Page - IDEC Corporation

Part # HS5L
Description  Interlock Switches with Solenoid(2-Contact)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

HS5L Datasheet(HTML) 3 Page - IDEC Corporation

  HS5L Datasheet HTML 1Page - IDEC Corporation HS5L Datasheet HTML 2Page - IDEC Corporation HS5L Datasheet HTML 3Page - IDEC Corporation HS5L Datasheet HTML 4Page - IDEC Corporation HS5L Datasheet HTML 5Page - IDEC Corporation HS5L Datasheet HTML 6Page - IDEC Corporation HS5L Datasheet HTML 7Page - IDEC Corporation HS5L Datasheet HTML 8Page - IDEC Corporation HS5L Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2-Contact
Interlock Switch
Packing
Baking
Pressing
Squeezing
Cutting
Grinding
Mixing
Rotating
with high cost performance are ideal for
customers who want to make use of the
above advantages.
with high cost performance are ideal for
customers who want to make use of the
above advantages.
with high cost performance are ideal for
customers who want to make use of the
above advantages.
with high cost performance are ideal for
customers who want to make use of the
above advantages.
Applications
Advantages
Interlock switches usually have more contacts
than needed.
Many interlock switches on the market have 4 or 6 contacts. These
interlock switches are used as they are, even though that many
contacts are not used.
Enhance product value and take the lead from
your competitors by introducing a safe machine
that complies with international standards.
Product compliance with international standards are now essential,
as with ISO9000 certication.
2-contact interlock switches with solenoid
Ideal as a safety measure for use on machines that do not shut down immediately or
maintain high temperatures.
New 2-contact interlock switches with solenoid.
Designed with the required safety level, while
eliminating excessive features.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com