Electronic Components Datasheet Search
  English  ▼

X  

HS5L Datasheet(PDF) 13 Page - IDEC Corporation

Part # HS5L
Description  Interlock Switches with Solenoid(2-Contact)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

HS5L Datasheet(HTML) 13 Page - IDEC Corporation

Back Button HS5L Datasheet HTML 9Page - IDEC Corporation HS5L Datasheet HTML 10Page - IDEC Corporation HS5L Datasheet HTML 11Page - IDEC Corporation HS5L Datasheet HTML 12Page - IDEC Corporation HS5L Datasheet HTML 13Page - IDEC Corporation HS5L Datasheet HTML 14Page - IDEC Corporation HS5L Datasheet HTML 15Page - IDEC Corporation HS5L Datasheet HTML 16Page - IDEC Corporation HS5L Datasheet HTML 17Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
HS5L Interlock Switch with Solenoid (4-Contact)
Circuit Diagrams and Operating Characteristics
4-Contact / Rear Unlocking Button (Spring Lock)
Interlock Switch Status
Status 1
Status 2
Status 3
Status 4
Door Closed
Machine ready to
operate
Solenoid de-energized
Door Closed
Machine cannot be
operated
Solenoid energized
Door open
Machine cannot be
operated
Solenoid energized
Door open
Machine cannot be
operated
Solenoid de-energized
Door Status
Circuit Example: HS5L-VA4
Door
Closed (locked)
Closed (unlocked)
Open
Open
HS5L-VA4
Monitor Circuit
(door closed)
11−12
Monitor Circuit
(door open)
23−24
Monitor Circuit
(locked)
41−42
Monitor Circuit
(unlocked)
53−54
HS5L-VB4
Monitor Circuit
(door closed)
11−12
Monitor Circuit
(door open)
23−24
Monitor Circuit
(locked)
41−42
Monitor Circuit
(locked)
51−52
HS5L-VC4
Monitor Circuit
(door closed)
11−12
Monitor Circuit
(door closed)
21−22
Monitor Circuit
(locked)
41−42
Monitor Circuit
(unlocked)
53−54
HS5L-VD4
Monitor Circuit
(door closed)
11−12
Monitor Circuit
(door closed)
21−22
Monitor Circuit
(locked)
41−42
Monitor Circuit
(locked)
51−52
HS5L-VF4
Monitor Circuit
(door closed)
11−12
Monitor Circuit
(door closed)
21-22
Monitor Circuit
(door closed)
31-32
Monitor Circuit
(locked)
41-42
HS5L-VG4
Monitor Circuit
(door closed)
11−12
Monitor Circuit
(door closed)
21-22
Monitor Circuit
(door open)
33-34
Monitor Circuit
(door locked)
41-42
Solenoid Power A1-A2 (all models)
OFF (de-energized)
ON (energized)
ON (energized)
OFF (de-energized)
•The contact configuration shows the status when the actuator is inserted and the switch is locked.
•Monitor Circuit: Sends monitoring signals of protective door open/closed status (door monitor)
or protective door lock/unlock status (lock monitor).
•For safety circuit input, connect to the monitor circuit with
marking.
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
53
41
52
51
42
41
41 42
42
41
53 54
41 42
54
42
12
23
11
24
34
33
22
21
31 32
22
21
22
21
11 12
12
11
11 12
12
21
11
22
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
12
23
11
24
52
51
42
41
A2
A1
Door Monitor
(Actuator
inserted)
Lock Monitor
(Solenoid OFF)
When unlocking
manually
Door Closed
Machine cannot be
operated
Solenoid de-energized
11
23
42
54
12
24
41
53
(+)
A2
(−)
A1
Closed (unlocked)
OFF (de-energized)
Approx. 26.4
Approx. 5.3
Approx. 6.9
Approx. 3.3 (Locked position)
0
(Stroke: mm)
(Actuator Mounting Reference Position)
: Contacts OFF
(open)
: Contacts ON
(closed)
Lock Monitor Circuit (unlocked, NO)
Main Circuit
Door Monitor Circuit (door open, NO)
Lock Monitor Circuit (locked, NC)
Door Monitor Circuit (door closed, NC)
Note 1: Actuator can be unlocked manually for confirming
the door movement before wiring and energizing,
and also for emergency situation such as power
failure.
Note 2: When the operator is confined in a hazardous zone,
the actuator can be unlocked manually by pressing
the rear unlocking button.
11
23
42
54
12
24
41
53
(+)
A2
(−)
A1
A1
(−)
A2
(+)
53
41
24
12
54
42
23
11
11
23
42
54
12
24
41
53
(+)
A2
(−)
A1
A1
(−)
A2
(+)
53
41
24
12
54
42
23
11
•The operation characteristics shown in the chart above are for HS9Z-A51.
For other actuators, add 1.3mm.
•See page 21 for HS9Z-BA5.
•The operation characteristics show the contact status when the actuator
enters the entry port of an interlock switch.
Press
·Turn the
manual
unlock key
(Note 1)
·Press the
rear
unlocking
button
(Note 2)
Operation Characterics
(Reference)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com