Electronic Components Datasheet Search
  English  ▼

X  

HS5L Datasheet(PDF) 12 Page - IDEC Corporation

Part # HS5L
Description  Interlock Switches with Solenoid(2-Contact)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

HS5L Datasheet(HTML) 12 Page - IDEC Corporation

Back Button HS5L Datasheet HTML 8Page - IDEC Corporation HS5L Datasheet HTML 9Page - IDEC Corporation HS5L Datasheet HTML 10Page - IDEC Corporation HS5L Datasheet HTML 11Page - IDEC Corporation HS5L Datasheet HTML 12Page - IDEC Corporation HS5L Datasheet HTML 13Page - IDEC Corporation HS5L Datasheet HTML 14Page - IDEC Corporation HS5L Datasheet HTML 15Page - IDEC Corporation HS5L Datasheet HTML 16Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
4-Contact / Rear Unlocking Button (Spring Lock)
Package Quantity: 1
Circuit
Code
Contact Configuration
Gland Port Size
Spring lock
Part No.
VA
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
52
51
22
21
11
12
42
41
53
54
41
42
12
21
11
22
53
54
41
42
12
23
11
24
A2
A1
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
23 24
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
41
42
12
11
52
51
Door Monitor
(Actuator inserted)
Lock Monitor
(Solenoid OFF)
Door Monitor Circuit: 1NC,1NO
Lock Monitor Circuit: 1NC,1NO
M20
HS5L-VA44LM-G
VB
Door Monitor Circuit: 1NC,1NO
Lock Monitor Circuit: 2NC
M20
HS5L-VB44LM-G
VC
Door Monitor Circuit: 2NC
Lock Monitor Circuit: 1NC,1NO
M20
HS5L-VC44LM-G
VD
Door Monitor Circuit: 2NC
Lock Monitor Circuit: 2NC
M20
HS5L-VD44LM-G
• The contact configuration shows the status when the actuator is inserted and the switch is locked.
• Actuators are not supplied with the interlock switch and must be ordered separately.
4-Contact / Dual Safety Circuit (Spring Lock)
Package Quantity: 1
Circuit
Code
Contact Configuration
Gland Port Size
Spring lock
Part No.
DD
A1
A2
Main Circuit:
11
12
42
41
21
Main Circuit:
52
51
22
Door Monitor
(Actuator inserted)
Lock Monitor
(Solenoid OFF)
Main Circuit: 1NC+1NC
1NC+1NC
M20
HS5L-DD44M-G
• The contact configuration shows the status when the actuator is inserted and the switch is locked.
• Actuators are not supplied with the interlock switch and must be ordered separately.
4-Contact / Dual Safety Circuit / Rear Unlocking Button (Spring Lock)
Package Quantity: 1
Circuit
Code
Contact Configuration
Gland Port Size
Spring lock
Part No.
DD
A1
A2
Main Circuit:
11
12
42
41
21
Main Circuit:
52
51
22
Door Monitor
(Actuator inserted)
Lock Monitor
(Solenoid OFF)
Main Circuit: 1NC+1NC
1NC+1NC
M20
HS5L-DD44LM-G
• The contact configuration shows the status when the actuator is inserted and the switch is locked.
• Actuators are not supplied with the interlock switch and must be ordered separately.
HS5L Interlock Switch with Solenoid (4-Contact)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com