Electronic Components Datasheet Search
  English  ▼

X  

HS5L Datasheet(PDF) 14 Page - IDEC Corporation

Part # HS5L
Description  Interlock Switches with Solenoid(2-Contact)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

HS5L Datasheet(HTML) 14 Page - IDEC Corporation

Back Button HS5L Datasheet HTML 10Page - IDEC Corporation HS5L Datasheet HTML 11Page - IDEC Corporation HS5L Datasheet HTML 12Page - IDEC Corporation HS5L Datasheet HTML 13Page - IDEC Corporation HS5L Datasheet HTML 14Page - IDEC Corporation HS5L Datasheet HTML 15Page - IDEC Corporation HS5L Datasheet HTML 16Page - IDEC Corporation HS5L Datasheet HTML 17Page - IDEC Corporation HS5L Datasheet HTML 18Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
HS5L Interlock Switch with Solenoid (4-Contact)
Approx. 26.4
Approx. 5.3
Approx. 6.9
Approx. 3.3 (Locked position)
0
(Stroke: mm)
(Actuator Mounting Reference Position)
: Contacts OFF
(open)
: Contacts ON
(closed)
Lock Monitor Circuit (unlocked, NO)
Main Circuit
Door Monitor Circuit (door open, NO)
Lock Monitor Circuit (locked, NC)
Door Monitor Circuit (door closed, NC)
Circuit Diagrams and Operating Characteristics
4-Contact (Solenoid Lock)
Interlock Switch Status
Status 1
Status 2
Status 3
Status 4
Door Closed
Machine ready to
operate
Solenoid energized
Door Closed
Machine cannot be
operated
Solenoid de-energized
Door open
Machine cannot be
operated
Solenoid de-energized
Door open
Machine cannot be
operated
Solenoid energized
Door Status
Circuit Example: HS5L-VA7Y
11
23
42
54
12
24
41
53
(+)
A2
(−)
A1
A1
(−)
A2
(+)
53
41
24
12
54
42
23
11
11
23
42
54
12
24
41
53
(+)
A2
(−)
A1
A1
(−)
A2
(+)
53
41
24
12
54
42
23
11
Door
Closed (locked)
Closed (unlocked)
Open
Open
HS5L-VA7Y
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
53
41
52
51
42
41
41 42
42
41
53 54
41 42
54
42
12
23
11
24
34
33
22
21
31 32
22
21
22
21
11 12
12
11
11 12
12
21
11
22
Monitor Circuit:
Monitor Circuit:
Monitor Circuit:
12
23
11
24
52
51
42
41
(−)
(+)
A2
A1
Door Monitor
(Actuator inserted)
Lock Monitor
(Solenoid OFF)
Monitor Circuit
(door closed)
11−12
Monitor Circuit
(door open)
23−24
Monitor Circuit
(locked)
41−42
Monitor Circuit
(unlocked)
53−54
HS5L-VB7Y
Monitor Circuit
(door closed)
11−12
Monitor Circuit
(door open)
23−24
Monitor Circuit
(locked)
41−42
Monitor Circuit
(locked)
51−52
HS5L-VC7Y
Monitor Circuit
(door closed)
11−12
Monitor Circuit
(door closed)
21−22
Monitor Circuit
(locked)
41−42
Monitor Circuit
(unlocked)
53−54
HS5L-VD7Y
Monitor Circuit
(door closed)
11−12
Monitor Circuit
(door closed)
21−22
Monitor Circuit
(locked)
41−42
Monitor Circuit
(locked)
51−52
HS5L-VF7Y
Monitor Circuit
(door closed)
11−12
Monitor Circuit
(door closed)
21-22
Monitor Circuit
(door closed)
31-32
Monitor Circuit
(locked)
41-42
HS5L-VG7Y
Monitor Circuit
(door closed)
11−12
Monitor Circuit
(door closed)
21-22
Monitor Circuit
(door open)
33-34
Monitor Circuit
(locked)
41-42
Solenoid Power A1-A2 (all models)
ON (energized)
OFF (de-energized)
OFF (de-energized)
ON (energized)
(Note 2)
•The contact configuration shows the status when the actuator is inserted and the switch is locked.
•Main Circuit: Connected to the control circuit of machine drive part, sending interlock signals of the protective door.
•Monitor Circuit: Sends monitoring signals of protective door open/closed status (door monitor) or protective door
lock/unlock status (lock monitor).
Unlocking using
Manual Unlock Key
Door Closed
Machine cannot be operated
Solenoid de-energized ➝
energized
When unlocking
manually
UNLOCK
LOCK
11
23
42
54
12
24
41
53
(+)
A2
(−)
A1
Closed (unlocked)
(Note 1) (Note 2)
OFF (de-energized) ➝
ON (energized)
Note 1: Do not attempt manual unlocking
whenthe solenoid is energized.
Note 2: Do not energize the solenoid for a long
time while the door is open or when the
door is unlocked manually.
•The operation characteristics shown in the chart above are for HS9Z-A51.
For other actuators, add 1.3mm.
•See page 21 for HS9Z-BA5.
•The operation characteristics show the contact status when the actuator
enters the entry port of an interlock switch.
Operation Characterics
(Reference)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com