Electronic Components Datasheet Search
  English  ▼

X  

HS5L Datasheet(PDF) 6 Page - IDEC Corporation

Part # HS5L
Description  Interlock Switches with Solenoid(2-Contact)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

HS5L Datasheet(HTML) 6 Page - IDEC Corporation

Back Button HS5L Datasheet HTML 2Page - IDEC Corporation HS5L Datasheet HTML 3Page - IDEC Corporation HS5L Datasheet HTML 4Page - IDEC Corporation HS5L Datasheet HTML 5Page - IDEC Corporation HS5L Datasheet HTML 6Page - IDEC Corporation HS5L Datasheet HTML 7Page - IDEC Corporation HS5L Datasheet HTML 8Page - IDEC Corporation HS5L Datasheet HTML 9Page - IDEC Corporation HS5L Datasheet HTML 10Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Actuators can be selected according to door shapes and usage, and
can be installed exibly according to the installation site.
Sliding Actuator
Plug Actuator
Padlock Hasp
Straight Actuator
Right-angle Actuator
Spring loaded actuator
IDEC patented spring loaded actuator locks the door safely when
the door bounces. When the actuator is fully inserted (door closed
completely), the door can tolerate a space of up to 16mm.
Patent acquired
HS5L interlock switch and HS9Z-BA5 spring loaded actuator
HS5L interlock switch and HS9Z-A51A straight actuator
∗ Accessory exclusive for HS5L.
Actuators can be selected according to door
shapes and usage.
•Actuator with rubber bushing ideal for use
on rattling doors.
•Plug actuators ideal for use on heavily
rattling doors.
•Movable actuators ideal for use
on hinged doors.
•Sliding actuators for easy installation.
•Actuators ideal for use on bouncing doors
also available.
Lock
16
(1) Insert
Does not lock
(1) Insert
16
4.6
Conventional
model
Wide variety of actuators
Right-angle Actuator
with rubber bushing
Straight Actuator
with rubber bushing
Spring Loaded
Actuator
∗ Accessory exclusive
for HS5L.
Angle Adjustable
(vertical) Actuator
HS5 series
Actuator
Wide variety of actuators for
interlock switches enhance
exibility and usability!
(2) Fully inserted
(door completely shut)
(3) Door bounces
The door can bounce open to up to 16mm.
Locking position
of HS9Z-A51A
(2) Fully inserted
(door completely shut)
(3) Door bounces
The door can bounce open to up to 4.6mm.
Locking position
of HS9Z-A51A
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com