Electronic Components Datasheet Search
  English  ▼

X  

HS5L Datasheet(PDF) 16 Page - IDEC Corporation

Part # HS5L
Description  Interlock Switches with Solenoid(2-Contact)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

HS5L Datasheet(HTML) 16 Page - IDEC Corporation

Back Button HS5L Datasheet HTML 12Page - IDEC Corporation HS5L Datasheet HTML 13Page - IDEC Corporation HS5L Datasheet HTML 14Page - IDEC Corporation HS5L Datasheet HTML 15Page - IDEC Corporation HS5L Datasheet HTML 16Page - IDEC Corporation HS5L Datasheet HTML 17Page - IDEC Corporation HS5L Datasheet HTML 18Page - IDEC Corporation HS5L Datasheet HTML 19Page - IDEC Corporation HS5L Datasheet HTML 20Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Actuator
Description
Part No.
Package Quantity
Remarks
Straight
HS9Z-A51
1
Actuator retention force is Fzh=1400N.
Straight with Rubber Bushings
HS9Z-A51A
1
Right-angle
HS9Z-A52
1
Right-angle with Rubber Bushings
HS9Z-A52A
1
Angle Adjustable (vertical)
HS9Z-A53
1
Angle Adjustable (vertical/horizontal)
HS9Z-A55
1
Actuator retention force is Fz=500N. When a retention force of
500N or more is required, use HS9Z-A53.
Accessories
Description
Ordering No.
Part No.
Package Quantity
Remarks
Sliding Actuator
(Note 1) (Note 2)
HS9Z-SH5
HS9Z-SH5
1
Spring Loaded Actuator
(Note 2) (Note 3)
HS9Z-BA5
HS9Z-BA5
1
Weight: 70g
Plug Actuator
HS9Z-A5P
HS9Z-A5P
1
Padlock Hasp
HS9Z-PH5
HS9Z-PH5
1
Jumper
(Note 4)
HS9Z-JP5L
HS9Z-JP5LPN02
2
Note 1: For specification on sliding actuators, see separate catalog.
Note 2: Actuator retention force is Fzh=1400N.
Note 3: HS9Z-BA5 can only be used for HS5L interlock switches. Also, HS9Z-BA5 can be used only on slide doors. Do not use on hinge doors.
Note 4: HS9Z-BA5 can only be used for HS5L interlock switches.
Actuator Dimensions and Mounting Hole Layouts
All dimensions in mm.
Straight (HS9Z-A51)
Note: Actuator Stop
(supplied with the actuator)
32.4
2.2
4-R
0.8
5.2
(6)
6.2
6.4
2-M4 Screw
20
Actuator Mounting Hole Layout
(Straight, Right-angle)
Straight with Rubber Bushings (HS9Z-A51A)
7.3
43.8
15.3
2-ø4.3
0.8
2-ø10
2-ø9
Washer (supplied)
Rubber Bushing
Note: Actuator Stop
(supplied with
the actuator)
∗ The mounting center distance is set to
12 mm at the factory. When a 20mm
distance is required, adjust the
distance by moving the rubber
bushing sideways.
∗ The actuator has exibility to the
direction indicated by the arrows.
∗ Mounting centers can be widened to
20mm by moving the Rubber
Bushings.
Vertical
Swing
Actuator Mounting Hole Layout
(Straight with Rubber Bushings)
(Right-angle with Rubber Bushings)
12
2-M4 Screw
Right-angle (HS9Z-A52)
Right-angle with Rubber Bushings (HS9Z-A52A)
Vertical
Swing
Horizontal
Swing
∗ When the mounting center
distance is set to 12mm at the
factory, the actuator has exibility
both vertically and horizontally.
∗ When the mounting center
distance is set to 20mm, the
actuator swings vertically.
Adjust the distance by moving the
rubber bushings.
0.8
0.8
(11.2)
When mounted (39.7)
When
mounted
When
mounted
(5)
Note: Actuator Stop
(supplied with the actuator)
Rubber Bushing Washer (supplied)
Jumper (HS9Z-JP5L)
7.1
2.1
2-ø4.4
33
0.8
4.5
2
7.2
7.2
1.6
Note: Actuator Stop
(supplied with the actuator)
Actuator Cover
Actuators for
HS5 Series Interlock Switches
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com