Electronic Components Datasheet Search
  English  ▼

X  

HS5L Datasheet(PDF) 17 Page - IDEC Corporation

Part # HS5L
Description  Interlock Switches with Solenoid(2-Contact)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

HS5L Datasheet(HTML) 17 Page - IDEC Corporation

Back Button HS5L Datasheet HTML 13Page - IDEC Corporation HS5L Datasheet HTML 14Page - IDEC Corporation HS5L Datasheet HTML 15Page - IDEC Corporation HS5L Datasheet HTML 16Page - IDEC Corporation HS5L Datasheet HTML 17Page - IDEC Corporation HS5L Datasheet HTML 18Page - IDEC Corporation HS5L Datasheet HTML 19Page - IDEC Corporation HS5L Datasheet HTML 20Page - IDEC Corporation HS5L Datasheet HTML 21Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
Horizontal / Vertical Actuator Orientation
Orienting Insert
Horizontal Swing
Vertical Swing
The orientation of actuator swing (horizontal/vertical) can be changed using the orienting insert (white
plastic) installed on the back of the actuator. Attach the orienting insert if necessary. (See left diagram)
Do not lose the orienting insert, otherwise the actuator will not operate properly.
Actuator Mounting Reference Position
HS9Z-A52
Actuator
Actuator Cover
Actuator Stop
Interlock Switch
Door Stop
HS9Z-A51
Actuator
Actuator Stop
Interlock Switch
Door Stop
As shown in the figure on the right, the mounting reference
position of the actuator when inserted in the interlock switch
is the position where the actuator stop placed on the actuator
lightly touches the side surface of the interlock switch.
Note: After mounting the actuator, remove the actuator stop from the
actuator.
Accessory Dimensions and Mounting Hole Layouts
All dimensions in mm.
Spring Loaded Actuator (HS9Z-BA5)
Mounting Hole Layout
HS5L Interlock Switch with Actuator
Body (SUS)
7
15
7
23
5
41
40
11.3
3
3.3mm line
0.8mm line
Lock limit line
6-M5
Screw
10 to 15
10 to 15
∗ When the actuator is installed on the same plane
as the HS5L interlock switch, because the height
of the actuator will be 5mm lower than the
interlock switch, adjustment is required by the
customer.
0.8
(Mounting tolerance range: 0.8
)
+2.5
0
86.5
36.2
A
B
C
57
Actuator (SUS)
Thickness: 2.5
Fasten at least four parts (either
A or C, and B in the drawing on
the right) with mounting screws.
Always fasten B to prevent
movement during use.
Actuators for HS5 Series Interlock Switches
Actuator Dimensions and Mounting Hole Layouts
All dimensions in mm.
Angle Adjustable (vertical) (HS9Z-A53)
20
5
29
58
2-M6 Screw
18
Actuator Mounting Hole Layout
(Angle Adjustable (vertical))
Angle Adjustment
(M3 hexagon socket head bolt)
Door Hinge
Side
Note: Actuator Stop Film
(supplied with the actuator)
Note: The actuator stop film and actuator stop are supplied with the
actuator and used when adjusting the actuator position. Remove
after the actuator position is determined.
Angle Adjustable (vertical/horizontal) (HS9Z-A55)
15
7
18.5
29
3
(M4 Hole)
3.6
1
R2.1
38
0.8
Note: Actuator Stop Film
(supplied with the actuator)
Note: Actuator Stop Film
(supplied with the actuator)
Angle Adjustment
(M3 hexagon socket head bolt)
Angle Adjustment
(M3 hexagon socket head bolt)
(Horizontal Swing)
(Vertical Swing)
Orienting
Insert
Orienting
Insert
2-M4 Screw
Actuator Mounting Hole Layout
(Angle Adjustable (vertical/horizontal))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com