Electronic Components Datasheet Search
  English  ▼

X  

HS5L Datasheet(PDF) 5 Page - IDEC Corporation

Part # HS5L
Description  Interlock Switches with Solenoid(2-Contact)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

HS5L Datasheet(HTML) 5 Page - IDEC Corporation

  HS5L Datasheet HTML 1Page - IDEC Corporation HS5L Datasheet HTML 2Page - IDEC Corporation HS5L Datasheet HTML 3Page - IDEC Corporation HS5L Datasheet HTML 4Page - IDEC Corporation HS5L Datasheet HTML 5Page - IDEC Corporation HS5L Datasheet HTML 6Page - IDEC Corporation HS5L Datasheet HTML 7Page - IDEC Corporation HS5L Datasheet HTML 8Page - IDEC Corporation HS5L Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
All dimensions in mm.
The size is greatly reduced while achieving the same 1400N (Fzh) locking
strength as the conventional HS5E series. (GS-ET-19)
Compact design with powerful 1400N locking strength
Head removal detection circuitry is employed in the HS5L. With this innovative
function, the monitor circuit (41-42) turns off when the head is removed from
the switch, such as when removing the head to change the head direction
(applicable with the HS5L spring lock models). For example, for circuit codes:
VB, VD and DD, which have two or more lock monitor circuits installed,
removing the head results in disparity (41-42: OFF, 51-52: ON).
This disparity is detected by the head removal detection function.
ection circuitry is employedin the HS5L Wit
Head Removal Detection Circuitry
Door lock can be unlocked inside the
barrier by a worker left inside a
hazardous area.
(Complies with escape release
dened in ISO14119 (2013) and
GS-ET-19)
Two types of unlocking buttons to suit
various applications.
Rear unlocking button
Approx
.
13%sho
rter
(Comp
ared w
ith IDE
C prod
ucts)
HS5L
Conventional Model
HS5E
Spring clamp terminals
Spring clamp terminals offer excellent
vibration resistance, preventing wires
from loosening. No need for additional
tightening.
Energy saving!
Solenoid energy consumption: 200mA
Reduced by 25% from conventional
HS5E series.
Actuator
unlocked
Head
removed
OFF
ON
OFF
ON
OFF
ON
Note: Head removal detection function is not a direct opening action mechanism.
266mA
200mA
Actuator
locked
Actuator unlocked
Actuator locked
Head removed
● HS5L-VD44M-G (Lockmonitor circuit)
52
51
41
Lock monitor circuit
Lock monitor circuit
42
A1
A2
(+)(−)
Rear unlocking
button
Rear lock release
kit for frames
Wiring port
Wiring port
Driver port
Driver port
Head removal
detection function
Monitor circuit
(41-42)
Disparity
Size is reduced by 13% from conventional models.
Mounts on small doors and aluminum frames of machines.
Compact design with 2- and 4-contacts reduce installation space.
Greater exibility in machine design.
2-Contact
4-Contact
Interlock Switch
IDEC ensures reliability and performance.
2-contact and 4-contact interlock switches with solenoid.
Compact and slim!
Approx
. 25%
reduce
d
(Comp
ared w
ith IDEC
produ
cts)
HS5L
Conventional Model
HS5E
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com