Electronic Components Datasheet Search
  English  ▼

X  

AM2434 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AM2434
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AM2434 Datasheet HTML 28Page - Texas Instruments AM2434 Datasheet HTML 29Page - Texas Instruments AM2434 Datasheet HTML 30Page - Texas Instruments AM2434 Datasheet HTML 31Page - Texas Instruments AM2434 Datasheet HTML 32Page - Texas Instruments AM2434 Datasheet HTML 33Page - Texas Instruments AM2434 Datasheet HTML 34Page - Texas Instruments AM2434 Datasheet HTML 35Page - Texas Instruments AM2434 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 282 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages) (continued)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
D17
A15
MCAN1_RX
PADCONFIG151
0x000F425C
MCAN1_RX
0
I
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
I2C3_SDA
1
IOD
1
ECAP2_IN_APWM_OUT
2
IO
0
OBSCLK0
3
O
TIMER_IO5
4
IO
0
UART5_TXD
5
O
EPWM_SOCB
6
O
GPIO1_63
7
IO
pad
EQEP2_B
8
I
0
UART0_DSRn
9
I
1
OBSCLK0
15
O
C17
B14
MCAN1_TX
PADCONFIG150
0x000F4258
MCAN1_TX
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
I2C3_SCL
1
IOD
1
ECAP1_IN_APWM_OUT
2
IO
0
SYSCLKOUT0
3
O
TIMER_IO4
4
IO
0
UART5_RXD
5
I
1
EPWM_SOCA
6
O
GPIO1_62
7
IO
pad
EQEP2_A
8
I
0
UART0_DCDn
9
I
1
E9
MCU_I2C0_SCL
MCU_PADCONFIG18
0x04084048
MCU_I2C0_SCL
0
IOD
1
7
Off / Off / NA
On / SS / NA
1.8 V/3.3 V
VDDSHV_MCU
Yes
NA
I2C OD FS
MCU_GPIO0_18
7
IOD
pad
A10
MCU_I2C0_SDA
MCU_PADCONFIG19
0x0408404C
MCU_I2C0_SDA
0
IOD
1
7
Off / Off / NA
On / SS / NA
1.8 V/3.3 V
VDDSHV_MCU
Yes
NA
I2C OD FS
MCU_GPIO0_19
7
IOD
pad
A11
MCU_I2C1_SCL
MCU_PADCONFIG20
0x04084050
MCU_I2C1_SCL
0
IOD
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
MCU_GPIO0_20
7
IO
pad
B10
MCU_I2C1_SDA
MCU_PADCONFIG21
0x04084054
MCU_I2C1_SDA
0
IOD
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
MCU_GPIO0_21
7
IO
pad
C21
D20
MCU_OSC0_XI
MCU_OSC0_XI
I
1.8 V
VDDS_OSC
Yes
NA
HFOSC
B20
C21
MCU_OSC0_XO
MCU_OSC0_XO
O
1.8 V
VDDS_OSC
Yes
NA
HFOSC
B21
C20
MCU_PORz
MCU_PADCONFIG23
0x0408405C
MCU_PORz
0
I
0
1.8 V
VDDS_OSC
Yes
NA
FS RESET
AM2434, AM2432, AM2431
SPRSP65E – APRIL 2021 – REVISED SEPTEMBER 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com