Electronic Components Datasheet Search
  English  ▼

X  

AM2434 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # AM2434
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434 Datasheet(HTML) 19 Page - Texas Instruments

Back Button AM2434 Datasheet HTML 15Page - Texas Instruments AM2434 Datasheet HTML 16Page - Texas Instruments AM2434 Datasheet HTML 17Page - Texas Instruments AM2434 Datasheet HTML 18Page - Texas Instruments AM2434 Datasheet HTML 19Page - Texas Instruments AM2434 Datasheet HTML 20Page - Texas Instruments AM2434 Datasheet HTML 21Page - Texas Instruments AM2434 Datasheet HTML 22Page - Texas Instruments AM2434 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 282 page
background image
• An empty box, NA, or "-" means Not Applicable.
7. Ball State During Reset (RX/TX/PULL): State of the terminal while MCU_PORz is asserted, where RX
defines the state of the input buffer, TX defines the state of the output buffer, and PULL defines the state of
internal pull resistors:
• RX (Input buffer)
– Off: The input buffer is disabled.
– On: The input buffer is enabled.
• TX (Output buffer)
– Off: The output buffer is disabled.
– Low: The output buffer is enabled and drives VOL.
• PULL (Internal pull resistors)
– Off: Internal pull resistors are turned off.
– Up: Internal pull-up resistor is turned on.
– Down: Internal pull-down resistor is turned on.
– NA: No internal pull resistor.
• An empty box, or "-" means Not Applicable.
8. Ball State After Reset (RX/TX/PULL): State of the terminal after MCU_PORz is deasserted, where RX
defines the state of the input buffer, TX defines the state of the output buffer, and PULL defines the state of
internal pull resistors:
• RX (Input buffer)
– Off: The input buffer is disabled.
– On: The input buffer is enabled.
• TX (Output buffer)
– Off: The output buffer is disabled.
– SS: The subsystem selected with MUXMODE determines the output buffer state.
• PULL (Internal pull resistors)
– Off: Internal pull resistors are turned off.
– Up: Internal pull-up resistor is turned on.
– Down: Internal pull-down resistor is turned on.
– NA: No internal pull resistor.
• An empty box, NA, or "-" means Not Applicable.
9. Mux Mode After Reset: The value found in this column defines the default pin multiplexed signal function
after MCU_PORz is deasserted.
• An empty box, NA, or "-" means Not Applicable.
10. I/O Voltage: This column describes I/O operating voltage options of the respective power supply, when
applicable.
• An empty box, NA, or "-" means Not Applicable.
For more information, see valid operating voltage range defined for each power supply in Recommended
Operating Conditions.
11. Power: The power supply of the associated I/O, when applicable.
• An empty box, NA, or "-" means Not Applicable.
12. Hys: Indicates if the input buffer associated with this I/O has hysteresis:
• Yes: Hysteresis Support
• No: No Hysteresis Support
• An empty box, NA, or "-" means Not Applicable.
For more information, see the hysteresis values in Electrical Characteristics.
13. Pull Type: Indicates the presence of an internal pull-up or pull-down resistor. Internal resistors can be
enabled or disabled via software.
www.ti.com
AM2434, AM2432, AM2431
SPRSP65E – APRIL 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com