Electronic Components Datasheet Search
  English  ▼

X  

AM2434 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AM2434
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AM2434 Datasheet HTML 4Page - Texas Instruments AM2434 Datasheet HTML 5Page - Texas Instruments AM2434 Datasheet HTML 6Page - Texas Instruments AM2434 Datasheet HTML 7Page - Texas Instruments AM2434 Datasheet HTML 8Page - Texas Instruments AM2434 Datasheet HTML 9Page - Texas Instruments AM2434 Datasheet HTML 10Page - Texas Instruments AM2434 Datasheet HTML 11Page - Texas Instruments AM2434 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 282 page
background image
• (Pin Attributes - ALV Pins A18 B18 - ALX Pins B16 B15 ): Removed UART6_RTS and UART6_CTS. Signals
are implemented with I2C OD FS voltage buffers and do not meet timing requirements.................................21
• (Pin Attributes - Pins C19, A18, B18, E9, and A10): Changed the "PULL" value in the "BALL STATE DURING
RESET RX/TX/PULL" and "BALL STATE AFTER RESET RX/TX/PULL" columns from "Off" to "NA" to help
clarify the I2C Open-drain Fail-safe (I2C OD FS) buffer type does not having internal pulls........................... 21
• (Pin Attributes - Pin G18, J21, G19, K20, J20, J18, J17, H17, H19, H18, G17): Defined values in the "BALL
STATE DURING RESET RX/TX/PULL" and "BALL STATE AFTER RESET RX/TX/PULL" columns for each
MMC0 pin......................................................................................................................................................... 21
• (MMC0 Signal Descriptions): Added MMC0_CALPAD footnote regarding external resistor requirements...... 21
• (Pin Attributes - ALV Pin J15): VDDS_MMC0 (MMC0 PHY IO supply) replaced with ADC0_REFP (ADC0
Positive Voltage Reference)............................................................................................................................. 21
• (Pin Attributes - ALV Pin N21 - ALX Pin M21): BALL STATE AFTER RESET RX/TX/PULL value for the
OSPI0_LBCLKO pin was changed from “On / Off / Off” to “Off / Off / Off” to represent a change implemented
in SR2.0 devices...............................................................................................................................................21
• (MDIO Signal Descriptions): Moved MDIO Signal Descriptions table to CPSW section.................................. 21
• (Signal Descriptions): Added DDR0_CALPAD footnote regarding external resistor requirements.................. 21
• (Pin Attributes): Resolved error preventing some ALV package power pins from populating in associated
tables................................................................................................................................................................ 21
• (EPWM Signal Descriptions): Updated EHRPWM to EPWM in text descriptions............................................ 21
• (GPIO Signal Descriptions): Added GPIO debounce footnotes........................................................................21
• (Pin Attributes - ALV Pins D10 E10 - ALX Pins C5 B3): DSIS values for the EMU[1:0] pins were defined to be
“1”. ................................................................................................................................................................... 21
• (USB Signal Descriptions): Added USB0_RCALIB 7.2mW maximum power dissipation and updated
calibration resistor value from 500 Ω ±1% to 499 Ω ±1%................................................................................. 21
• (Pin Attributes - ALV Pins C20 D19 - ALX Pins C16 B17): DSIS values for the MMC1_SDCD and
MCC1_SDWP pins were changed from “1” to “0”. ..........................................................................................21
• (Signal Description Header List): Added "OD" signal type and direction..........................................................72
• (ADC0 Signal Descriptions): Added the ADC0_REFP and ADC0_REFN signals and included a note that
describes connectivity expectations for these analog inputs............................................................................ 72
• (ADC0 Signal Descriptions): Added a note and note references to identify each GPI with a debounce function
..........................................................................................................................................................................72
• (ADC0 Signal Descriptions): Added a note that clarifies ADC0_AIN[7:0] inputs only have hysterisis when
ADC0 is configured to operate in GPI mode ....................................................................................................72
• (ADC0 Signal Descriptions): Added a note that clarifies connectivity expectations for unused ADC0_AIN[7:0]
inputs................................................................................................................................................................ 72
• (GPIO1 Signal Descriptions): Added a note and note references to identify each GPIO with a debounce
function............................................................................................................................................................. 72
• (GPIO1 Signal Descriptions): Changed the PIN TYPE value of GPIO1_64, GPIO1_65, and GPIO1_70 from
"IO" to "IOD" since the IOs associated with these signals have an open-drain output.....................................72
• (MCU_GPIO0 Signal Descriptions): Added a note and note references to identify each GPIO with debounce
function............................................................................................................................................................. 72
• (MCU_GPIO0 Signal Descriptions): Changed the PIN TYPE value of MCU_GPIO1_18 and MCU_GPIO1_19
from "IO" to "IOD" since the IO associated with these signals have an open-drain output...............................72
• (Power Supply Signal Descriptions): Removed J15 from the list of VDDS_MMC0 pins and K16 from the list of
VSS pins........................................................................................................................................................... 72
• (UART6 Signal Descriptions): Removed pin A18 from the list of UART6_CTSn pins and removed pin B18
from the list of UART6_RTSn pins....................................................................................................................72
• (USB0 Signal Descriptions): Update the calibration resistor value in the note to a standard 1% value and
defined the maximum power dissipation expected for this resistor.................................................................. 72
• (Pin Connectivity Requirements): Included VMON connectivity requirements............................................... 110
• (Pin Connectivity Requirements): Included ADC0_REFP and ADC0_REFN connectivity requirements when
ADC0 is not used............................................................................................................................................ 110
• (Pin Connectivity Requirements): Deleted pin J15 from the row associated with VDDS_MMC0................... 110
• (Absolute Maximum Ratings): Defined remaining TBD values....................................................................... 116
• (Absolute Maximum Ratings): Changed MCU_PORz maximum value from 2.2 V to 3.63 V......................... 116
AM2434, AM2432, AM2431
SPRSP65E – APRIL 2021 – REVISED SEPTEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com