Electronic Components Datasheet Search
  English  ▼

X  

AM2434 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # AM2434
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434 Datasheet(HTML) 30 Page - Texas Instruments

Back Button AM2434 Datasheet HTML 26Page - Texas Instruments AM2434 Datasheet HTML 27Page - Texas Instruments AM2434 Datasheet HTML 28Page - Texas Instruments AM2434 Datasheet HTML 29Page - Texas Instruments AM2434 Datasheet HTML 30Page - Texas Instruments AM2434 Datasheet HTML 31Page - Texas Instruments AM2434 Datasheet HTML 32Page - Texas Instruments AM2434 Datasheet HTML 33Page - Texas Instruments AM2434 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 282 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages) (continued)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
R19
GPMC0_CSn0
PADCONFIG42
0x000F40A8
GPMC0_CSn0
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV3
Yes
PU/PD
LVCMOS
EQEP0_S
3
IO
0
TRC_DATA23
6
O
GPIO0_41
7
IO
pad
EPWM6_SYNCI
8
I
0
R20
GPMC0_CSn1
PADCONFIG43
0x000F40AC
GPMC0_CSn1
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV3
Yes
PU/PD
LVCMOS
EQEP0_I
3
IO
0
EPWM_TZn_IN2
5
I
0
GPIO0_42
7
IO
pad
EPWM6_SYNCO
8
O
PRG1_PWM2_TZ_OUT
9
O
P19
GPMC0_CSn2
PADCONFIG44
0x000F40B0
GPMC0_CSn2
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV3
Yes
PU/PD
LVCMOS
I2C2_SCL
1
IOD
1
TIMER_IO8
2
IO
0
EQEP1_S
3
IO
0
EPWM_TZn_IN4
5
I
0
GPIO0_43
7
IO
pad
PRG1_PWM2_TZ_IN
9
I
0
R21
GPMC0_CSn3
PADCONFIG45
0x000F40B4
GPMC0_CSn3
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV3
Yes
PU/PD
LVCMOS
I2C2_SDA
1
IOD
1
TIMER_IO9
2
IO
0
EQEP1_I
3
IO
0
GPMC0_A20
4
OZ
EPWM_TZn_IN5
5
I
0
GPIO0_44
7
IO
pad
W19
GPMC0_WAIT0
PADCONFIG38
0x000F4098
GPMC0_WAIT0
0
I
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV3
Yes
PU/PD
LVCMOS
EPWM5_B
3
IO
0
TRC_DATA20
6
O
GPIO0_37
7
IO
pad
PRG0_PWM3_B2
9
IO
1
Y18
GPMC0_WAIT1
PADCONFIG39
0x000F409C
GPMC0_WAIT1
0
I
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV3
Yes
PU/PD
LVCMOS
FSI_TX1_D1
1
O
EPWM_TZn_IN5
3
I
0
GPMC0_A21
4
OZ
EPWM7_B
5
IO
0
TRC_DATA21
6
O
GPIO0_38
7
IO
pad
PRG1_PWM2_B1
9
IO
1
AM2434, AM2432, AM2431
SPRSP65E – APRIL 2021 – REVISED SEPTEMBER 2022
www.ti.com
30
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com