Electronic Components Datasheet Search
  English  ▼

X  

AM2434 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # AM2434
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AM2434 Datasheet HTML 45Page - Texas Instruments AM2434 Datasheet HTML 46Page - Texas Instruments AM2434 Datasheet HTML 47Page - Texas Instruments AM2434 Datasheet HTML 48Page - Texas Instruments AM2434 Datasheet HTML 49Page - Texas Instruments AM2434 Datasheet HTML 50Page - Texas Instruments AM2434 Datasheet HTML 51Page - Texas Instruments AM2434 Datasheet HTML 52Page - Texas Instruments AM2434 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 282 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages) (continued)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
U14
W13
PRG1_PRU0_GPO10
PADCONFIG56
0x000F40E0
PRG1_PRU0_GPO10
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV2
Yes
PU/PD
LVCMOS
PRG1_PRU0_GPI10
1
I
0
PRG1_UART0_RTSn
2
O
PRG1_PWM2_B1
3
IO
1
RGMII1_TXC
4
IO
0
RMII_REF_CLK
5
I
0
PRG1_IEP0_EDIO_DATA_IN_OUT29
6
IO
0
GPIO0_55
7
IO
pad
GPMC0_AD26
8
IO
0
AA8
V5
PRG1_PRU0_GPO11
PADCONFIG57
0x000F40E4
PRG1_PRU0_GPO11
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV2
Yes
PU/PD
LVCMOS
PRG1_PRU0_GPI11
1
I
0
PRG1_RGMII1_TD0
2
O
PRG1_PWM3_TZ_OUT
3
O
GPIO0_56
7
IO
pad
GPMC0_AD27
8
IO
0
U9
W2
PRG1_PRU0_GPO12
PADCONFIG58
0x000F40E8
PRG1_PRU0_GPO12
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV2
Yes
PU/PD
LVCMOS
PRG1_PRU0_GPI12
1
I
0
PRG1_RGMII1_TD1
2
O
PRG1_PWM0_A0
3
IO
0
GPIO0_57
7
IO
pad
GPMC0_AD28
8
IO
0
W9
V6
PRG1_PRU0_GPO13
PADCONFIG59
0x000F40EC
PRG1_PRU0_GPO13
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV2
Yes
PU/PD
LVCMOS
PRG1_PRU0_GPI13
1
I
0
PRG1_RGMII1_TD2
2
O
PRG1_PWM0_B0
3
IO
1
GPIO0_58
7
IO
pad
GPMC0_AD29
8
IO
0
AA9
AA7
PRG1_PRU0_GPO14
PADCONFIG60
0x000F40F0
PRG1_PRU0_GPO14
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV2
Yes
PU/PD
LVCMOS
PRG1_PRU0_GPI14
1
I
0
PRG1_RGMII1_TD3
2
O
PRG1_PWM0_A1
3
IO
0
GPIO0_59
7
IO
pad
GPMC0_AD30
8
IO
0
www.ti.com
AM2434, AM2432, AM2431
SPRSP65E – APRIL 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com