Electronic Components Datasheet Search
  English  ▼

X  

AM2434 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # AM2434
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434 Datasheet(HTML) 18 Page - Texas Instruments

Back Button AM2434 Datasheet HTML 14Page - Texas Instruments AM2434 Datasheet HTML 15Page - Texas Instruments AM2434 Datasheet HTML 16Page - Texas Instruments AM2434 Datasheet HTML 17Page - Texas Instruments AM2434 Datasheet HTML 18Page - Texas Instruments AM2434 Datasheet HTML 19Page - Texas Instruments AM2434 Datasheet HTML 20Page - Texas Instruments AM2434 Datasheet HTML 21Page - Texas Instruments AM2434 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 282 page
background image
6.2 Pin Attributes
The following list describes the contents of each column in the Pin Attributes table:
1. Ball Number: Ball numbers assigned to each terminal of the Ball Grid Array package.
2. Ball Name: Ball name assigned to each terminal of the Ball Grid Array package (this name is typically taken
from the primary MUXMODE 0 signal function).
3. Signal Name: Signal name of all dedicated and pin multiplexed signal functions associated with a ball.
Note
The Pin Attributes table, defines the SoC pin multiplexed signal function implemented at the
pin and does not define secondary multiplexing of signal functions implemented in device
subsystems. Secondary multiplexing of signal functions are not described in this table. For more
information on secondary multiplexed signal functions, see the respective peripheral chapter of
the device TRM.
4. Mux Mode: The MUXMODE value associated with each pin multiplexed signal function:
• MUXMODE 0 is the primary pin multiplexed signal function. However, the primary pin multiplexed signal
function is not necessarily the default pin multiplexed signal function.
• MUXMODE values 1 through 15 are possible for pin multiplexed signal functions. However, not all
MUXMODE values have been implemented. The only valid MUXMODE values are those defined as pin
multiplexed signal functions within the Pin Attributes table. Only valid values of MUXMODE can be used.
• Bootstrap defines SOC configuration pins, where the logic state applied to each pin is latched on the
rising edge of PORz_OUT. These input signal functions are fixed to their respective pins and are not
programmable via MUXMODE.
• An empty box or "-" means Not Applicable.
Note
• The value found in the MUX MODE AFTER RESET column defines the default pin multiplexed
signal function selected when MCU_PORz is deasserted.
• Configuring two pins to the same pin multiplexed signal function can yield unexpected results
and is not supported. This can be prevented with proper software configuration.
• Configuring a pad to an undefined multiplexing mode results in undefined behavior and must
be avoided.
5. Type: Signal type and direction:
• I = Input
• O = Output
• OD = Output, with open-drain output function
• IO = Input, Output, or simultaneously Input and Output
• IOD = Input, Output, or simultaneously Input and Output, with open-drain output function
• IOZ = Input, Output, or simultaneously Input and Output, with three-state output function
• OZ = Output with three-state output function
• A = Analog
• CAP = LDO capacitor
• PWR = Power
• GND = Ground
6. DSIS: The deselected input state (DSIS) indicates the state driven to the subsystem input (logic "0", logic
"1", or "pad" level) when the pin multiplexed signal function is not selected by MUXMODE.
• 0: Logic 0 driven to the subsystem input.
• 1: Logic 1 driven to the subsystem input.
• pad: Logic state of the pad is driven to the subsystem input.
AM2434, AM2432, AM2431
SPRSP65E – APRIL 2021 – REVISED SEPTEMBER 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com