Electronic Components Datasheet Search
  English  ▼

X  

AM2434 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM2434
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434 Datasheet(HTML) 1 Page - Texas Instruments

  AM2434 Datasheet HTML 1Page - Texas Instruments AM2434 Datasheet HTML 2Page - Texas Instruments AM2434 Datasheet HTML 3Page - Texas Instruments AM2434 Datasheet HTML 4Page - Texas Instruments AM2434 Datasheet HTML 5Page - Texas Instruments AM2434 Datasheet HTML 6Page - Texas Instruments AM2434 Datasheet HTML 7Page - Texas Instruments AM2434 Datasheet HTML 8Page - Texas Instruments AM2434 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 282 page
background image
AM243x Sitara™ Microcontrollers
1 Features
Processor cores:
• Up to 2× Dual-core Arm Cortex®-R5F MCU
subsystems operating at up to 800 MHz, highly-
integrated for real-time processing
– Dual-core Arm Cortex®-R5F clusters support
dual-core and single-core operation
– 32KB ICache and 32KB DCache per R5F core
with SECDED ECC on all memories
– Single-core: 128KB TCM per cluster (128KB
TCM per R5F core)
– Dual-core: 128KB TCM per cluster (64KB TCM
per R5F core)
• 1× Single-core Arm Cortex®-M4F MCU at up to
400 MHz
– 256KB SRAM with SECDED ECC
Memory subsystem:
• Up to 2MB of On-chip RAM (OCSRAM) with
SECDED ECC:
– Can be divided into smaller banks in
increments of 256KB for as many as 8 separate
memory banks
– Each memory bank can be allocated to a single
core to facilitate software task partitioning
• DDR Subsystem (DDRSS)
– Supports LPDDR4, DDR4 memory types
– 16-Bit data bus with inline ECC
– Supports speeds up to 1600 MT/s
System on Chip (SoC) services:
• Device Management Security Controller (DMSC-L)
– Centralized SoC system controller
– Manages system services including initial boot,
security, and clock/reset/power management
– Communication with various processing units
over message manager
– Simplified interface for optimizing unused
peripherals
– On-Chip Debug functionality through JTAG and
Trace interfaces)
• Data Movement Subsystem (DMSS)
– Block Copy DMA (BCDMA)
– Packet DMA (PKTDMA)
– Secure Proxy (SEC_PROXY)
– Ring Accelerator (RINGACC)
• Time Sync Subsystem
– Central Platform Time Sync (CPTS) module
– Timer Manager (TIMERMANAGER) with 1024
timers
– Time Sync and Compare event interrupt routers
Industrial subsystem:
• 2× Gigabit Industrial Communication Subsystems
(PRU_ICSSG)
– Optional support for Profinet IRT, Profinet
RT, EtherNet/IP, EtherCAT, Time-Sensitive
Networking (TSN), and other Networking
Protocols
– Backwards compatibility with 10/100Mb
PRU_ICSS
– Each PRU_ICSSG contains:
• 3× PRU RISC Cores per Slice (2× Slice per
PRU_ICSSG)
– PRU General Use core (PRU)
– PRU Real-Time Unit core (PRU-RTU)
– PRU Transmit core (PRU-TX)
• Each PRU core supports the following
features:
– Instruction RAM with ECC
– Broadside RAM
– Multiplier with optional accumulator
(MAC)
– CRC16/32 hardware accelerator
– Byte swap for Big/Little Endian
conversion
– SUM32 hardware accelerator for UDP
checksum
– Task Manager for preemption support
• Up to 2× Ethernet ports
– RGMII (10/100/1000)
– MII (10/100)
• Three Data RAMs with ECC
• 8 banks of 30 × 32-bit register scratchpad
memory
• Interrupt controller and task manager
• 2× 64-bit Industrial Ethernet Peripherals
(IEPs) for time stamping and other time
synchronization functions
• 18× Sigma-Delta Filter Module (SDFM)
interfaces
– Short circuit logic
– Over-current logic
• 6× Multi-protocol position encoder interfaces
• 1× Enhanced Capture Module (ECAP)
• 16550-compatible UART
– Dedicated 192-MHz clock to support 12-
Mbps PROFIBUS
AM2434, AM2432, AM2431
SPRSP65E – APRIL 2021 – REVISED SEPTEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - AM2434

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM2434 TI-AM2434 Datasheet
6Mb / 316P
AM243x Sitara??Microcontrollers
AM2434 TI-AM2434 Datasheet
5Mb / 242P
AM243x Sitara??Microcontrollers
MARCH 2022
AM2434 TI-AM2434 Datasheet
6Mb / 280P
AM243x Sitara™ Microcontrollers
REVISED AUGUST 2022
AM2434 TI2-AM2434 Datasheet
5Mb / 282P
AM243x Sitara™ Microcontrollers
REVISED JUNE 2026
AM2434...ALV TI-AM2434...ALV Datasheet
6Mb / 280P
AM243x Sitara™ Microcontrollers
REVISED AUGUST 2022
More results

Similar Description - AM2434

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM2434 TI-AM2434 Datasheet
6Mb / 316P
AM243x Sitara??Microcontrollers
AM2732 TI-AM2732 Datasheet
5Mb / 94P
AM273x Sitara??Microcontrollers
DECEMBER 2021
AM2634 TI-AM2634 Datasheet
3Mb / 140P
AM263x Sitara??Microcontrollers
MARCH 2022
AM2434 TI-AM2434_V01 Datasheet
5Mb / 242P
AM243x Sitara??Microcontrollers
MARCH 2022
AM2732 TI-AM2732_V01 Datasheet
6Mb / 97P
AM273x Sitara??Microcontrollers
FEBRUARY 2022
AM2434 TI-AM2434_V02 Datasheet
6Mb / 280P
AM243x Sitara™ Microcontrollers
REVISED AUGUST 2022
AM2634 TI-AM2634_V01 Datasheet
3Mb / 164P
AM263x Sitara™ Microcontrollers
REVISED NOVEMBER 2022
AM2634 TI-AM2634_V02 Datasheet
2Mb / 167P
AM263x Sitara™ Microcontrollers
REVISED NOVEMBER 2022
AM625 TI-AM625_V03 Datasheet
4Mb / 255P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM263P4 TI-AM263P4 Datasheet
2Mb / 154P
AM263Px Sitara™ Microcontrollers
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com