Electronic Components Datasheet Search
  English  ▼

X  

AM2434 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # AM2434
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AM2434 Datasheet HTML 16Page - Texas Instruments AM2434 Datasheet HTML 17Page - Texas Instruments AM2434 Datasheet HTML 18Page - Texas Instruments AM2434 Datasheet HTML 19Page - Texas Instruments AM2434 Datasheet HTML 20Page - Texas Instruments AM2434 Datasheet HTML 21Page - Texas Instruments AM2434 Datasheet HTML 22Page - Texas Instruments AM2434 Datasheet HTML 23Page - Texas Instruments AM2434 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 282 page
background image
• PU: Internal pull-up Only
• PD: Internal pull-down Only
• PU/PD: Internal pull-up and pull-down
• An empty box, NA, or "-" means No internal pull.
Note
Configuring two pins to the same pin multiplexed signal function is not supported as this yields
unexpected results. Issues can be easily prevented with the proper software configuration.
When a pad is set into a multiplexing mode which is not defined by pin multiplexing, that pad’s
behavior is undefined. This must be avoided.
14. Buffer Type: This column defines the buffer type associated with a terminal. This information can be used to
determine the applicable Electrical Characteristics table.
• An empty box, NA, or "-" means Not Applicable.
For electrical characteristics, refer to the appropriate buffer type table in Electrical Characteristics.
15. Pad Configuration Register Name: This is the name of the device pad/pin configuration register.
16. Pad Configuration Register Address: This is the memory address of the device pad/pin configuration
register.
AM2434, AM2432, AM2431
SPRSP65E – APRIL 2021 – REVISED SEPTEMBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com