Electronic Components Datasheet Search
  English  ▼

X  

CS43131 Datasheet(PDF) 54 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 54 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 50Page - Cirrus Logic CS43131 Datasheet HTML 51Page - Cirrus Logic CS43131 Datasheet HTML 52Page - Cirrus Logic CS43131 Datasheet HTML 53Page - Cirrus Logic CS43131 Datasheet HTML 54Page - Cirrus Logic CS43131 Datasheet HTML 55Page - Cirrus Logic CS43131 Datasheet HTML 56Page - Cirrus Logic CS43131 Datasheet HTML 57Page - Cirrus Logic CS43131 Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 156 page
background image
54
DS1155F1
CS43131
4.9 Audio Serial Port (ASP)
4.9.9
Serial Port Status
Each serial port has five status bits. Each bit is sticky and must be read to be cleared. The status bits have associated
mask bits to mask setting the INT pin when the status bit sets. A brief description of each status bit is shown in Table 4-8.
4.9.10 Serial Port Clock Pin Status
There are various control bits available that affect the output state of the serial port clock and data pins. Table 4-9
summarizes the possible states depending on these bit settings.
4.9.11 DoP (DSD over PCM) Mode
DoP is a protocol for packetizing DSD data into a PCM frame for transmission over an existing I2S interface. The ASP or
XSP can accept DSD data in DoP format.
To use the DoP interface in Slave Mode, if MCLK_INT = 22.5792 MHz, the DoP interface clocks are required to be
synchronous to MCLK_INT.
Table 4-8. Serial Port Status
Name
Description
Register Reference
Request Overload Set when too many input buffers request processing at the same time. If all channel size
and location registers are properly configured to non-overlapping values, this error
status must never set.
ASP_OVFL_INT p. 134
XSP_OVFL_INT p. 135
LRCK Error
Logical OR of LRCK early and LRCK late (see below).
ASP_ERROR_INT p. 135
XSP_ERROR_INT p. 135
LRCK Early
Set when the number of SCLK periods per LRCK phase (high or low) is less than the
expected count as determined by xSP_LCPR and xSP_LCHI.
Note: The Rx LRCK early interrupt status is set during the first receive LRCK early
event. Subsequent receive LRCK early events are not indicated until after valid LRCK
transitions are detected.
ASP_EARLY_INT p. 135
XSP_EARLY_INT p. 135
LRCK Late
Set when the number of SCLK periods per LRCK phase (high or low) is greater than the
expected count as determined by xSP_LCPR and xSP_LCHI.
ASP_LATE_INT p. 135
XSP_LATE_INT p. 135
No LRCK
Set when the number of SCLK periods counted exceeds twice the value of LRCK period
(xSP_LCPR) without an LRCK edge.
The Tx No LRCK interrupt status is set during the first instance of a no transmit LRCK
condition. Subsequent no transmit LRCK conditions are not indicated until after valid
LRCK transitions are detected.
ASP_NOLRCK_INT p. 135
XSP_NOLRCK_INT p. 135
Table 4-9. xSP_SCLK and xSP_LRCK/FSYNC Pin States
xSP_3ST
xSP_M/S
PDN_xSP
xSP_SCLK
Pin State
xSP_LRCK/FSYNC
Pin State
1
x
x
Hi-Z with weak pull-down
Hi-Z with weak pull-down
0
0
x
Hi-Z with weak pull-down
Hi-Z with weak pull-down
0
1
0
Active
Active
0
1
1
Inactive
Inactive 1
1.If xSP_LCPOL_OUT is set, xSP_LRCK/FSYNC inactive output is high. If xSP_LCPOL_OUT is cleared, xSP_LRCK/FSYNC
inactive output is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com