Electronic Components Datasheet Search
  English  ▼

X  

CS43131 Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 56Page - Cirrus Logic CS43131 Datasheet HTML 57Page - Cirrus Logic CS43131 Datasheet HTML 58Page - Cirrus Logic CS43131 Datasheet HTML 59Page - Cirrus Logic CS43131 Datasheet HTML 60Page - Cirrus Logic CS43131 Datasheet HTML 61Page - Cirrus Logic CS43131 Datasheet HTML 62Page - Cirrus Logic CS43131 Datasheet HTML 63Page - Cirrus Logic CS43131 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 156 page
background image
60
DS1155F1
CS43131
4.13 Control Port Operation
Each byte transferred on the I2C bus is separated by an acknowledge (ACK) bit. The CS43131 acknowledges each input
byte read from the host, and the host must acknowledge each byte transmitted from the CS43131.
For write operations, the data bytes following the MAP byte are written to the CS43131 register addresses pointed to by
the last received MAP address, plus however many autoincrements have occurred. Fig. 4-32 shows a write pattern with
autoincrementing.
Figure 4-32. Control Port Timing, I2C Writes with Autoincrement (8-bit Data Access)
For read operations, the contents of the register pointed to by the last received MAP address (plus however many
autoincrements have occurred if INCR was previously set) are output in the next byte. Fig. 4-33 shows a read pattern
following the write pattern in Fig. 4-32. Notice how read addresses are based on the MAP bytes from Fig. 4-32.
Figure 4-33. Control Port Timing, I2C Reads with Autoincrement (8-Bit Data Access)
0
INCR
Setting this bit allows the MAP address to autoincrement. The MAP address automatically increments every SIZE + 1 bytes
accessed consecutively.
0 Disabled
1 Enabled
Table 4-13. I2C Control-Byte Format (Cont.)
Bit
Name
Description
SCL
CHIP ADDRESS
(WRITE)
MAP BYTE
High (23:16)
START
STOP
ACK
SDA
SDA
Source
Master
Master
Master
Pull-up
Slave
Slave
Pull-up
ACK
Slave
4
5
6 7 8
9
17 18
0
1
2
3
7 6 5 4 3 2 1 0
ACK
34
MAP BYTE
Mid (15:8)
MAP BYTE
Low (7:0)
36
ACK
ACK
CONTROL
BYTE
7 6 5 4 3 2 1 0
37 38
35
Empty
7
0
7
0
7
0
16
26 27
25
39 40 41 42 43 44
7
0
7
0
45
DATA
BYTE 1
DATA
BYTE N
Master
Master
Master
Master
M
Slave
Slave
Slave
Slave
MAP
ADDRESS
MAP
ADDRESS
+ (N–1)
ACK
ACK
Addr = 01100
SCL
CHIP ADDRESS
(READ)
START
SDA
SDA
Source
Master
Pull-up
Slave
Pull-up
ACK
4
5
6 7 8
9
17
0
1
2
3
7 6 5 4 3 2 1 0
ACK
NACK
7
0
7
0
16
DATA
BYTE 1
DATA
BYTE N
M
M
Slave
STOP
MAP
ADDRESS
MAP
ADDRESS
+ (N–1 )
Addr = 01100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com