Electronic Components Datasheet Search
  English  ▼

X  

CS43131 Datasheet(PDF) 101 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 101 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 97Page - Cirrus Logic CS43131 Datasheet HTML 98Page - Cirrus Logic CS43131 Datasheet HTML 99Page - Cirrus Logic CS43131 Datasheet HTML 100Page - Cirrus Logic CS43131 Datasheet HTML 101Page - Cirrus Logic CS43131 Datasheet HTML 102Page - Cirrus Logic CS43131 Datasheet HTML 103Page - Cirrus Logic CS43131 Datasheet HTML 104Page - Cirrus Logic CS43131 Datasheet HTML 105Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 156 page
background image
DS1155F1
101
CS43131
5.14 Headphone Load Measurement
Ex. 5-19 demonstrates measuring DC impedance for both channels of the CS43131.
Example 5-19. Sequence for DC Impedance Measurement
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
1 Read Interrupt Status 4 register (0xF0003) to clear sticky bits.
2 Enable HP Load Interrupts
Interrupt Mask 4. 0xF0013
0x00
HPLOAD_NO_DC_INT_MASK
HPLOAD_UNPLUG_INT_MASK
HPLOAD_HPON_INT_MASK
HPLOAD_OOR_INT_MASK
HPLOAD_AC_DONE_INT_MASK
HPLOAD_DC_DONE_INT_MASK
HPLOAD_OFF_INT_MASK
HPLOAD_ON_INT_MASK
0
0
0
0
0
0
0
0
Enable HPLOAD_NO_DC interrupt
Enable HPLOAD_UNPLUG interrupt
Enable HPLOAD_HPON interrupt
Enable HPLOAD_OOR interrupt
Enable HPLOAD_AC_DONE interrupt
Enable HPLOAD_DC_DONE interrupt
Enable HPLOAD_OFF interrupt
Enable HPLOAD_ON interrupt
3 Select Channel A
HP Load 1. 0xE0000
0x00
HPLOAD_EN
Reserved
HPLOAD_CHN_SEL
Reserved
HPLOAD_AC_START
HPLOAD_DC_START
0
00
0
00
0
0
HPOUTA selected
4 Enable impedance subsystem
HP Load 1. 0xE0000
0x80
HPLOAD_EN
Reserved
HPLOAD_CHN_SEL
Reserved
HPLOAD_AC_START
HPLOAD_DC_START
1
00
0
00
0
0
Enable impedance subsystem
5 Wait for interrupt. Check if HPLOAD_ON_INT = 1 in Interrupt Status 4 register (0xF0003)
6 Start DC impedance measurement
HP Load 1. 0xE0000
0x81
HPLOAD_EN
Reserved
HPLOAD_CHN_SEL
Reserved
HPLOAD_AC_START
HPLOAD_DC_START
1
00
0
00
0
1
Start DC impedance measurement
7 Wait for interrupt. Read Interrupt Status 4 register (0xF0003). If HPLOAD_UNPLUG_INT = 1, go to the last step as an error has occurred. If
HPLOAD_OOR_INT = 1, go to the last step as an error has occurred. Otherwise, if HPLOAD_DC_DONE_INT = 1, go to the next step.
8 DC impedance values are available in HP DC Load Status 0 (0xE000D) and HP DC Load Status 1 (0xE000E) registers.
9 Turn off impedance measurement
subsystem
HP Load 1. 0xE0000
0x00
HPLOAD_EN
Reserved
HPLOAD_CHN_SEL
Reserved
HPLOAD_AC_START
HPLOAD_DC_START
0
00
0
00
0
0
Disable impedance measurement
Stop DC impedance measurement
10 Wait for interrupt. Read Interrupt Status 4 register (0xF0003). Check for HPLOAD_OFF_INT = 1.
11 Select Channel B
HP Load 1. 0xE0000
0x10
HPLOAD_EN
Reserved
HPLOAD_CHN_SEL
Reserved
HPLOAD_AC_START
HPLOAD_DC_START
0
00
1
00
0
0
HPOUTB selected
12 Enable impedance subsystem
HP Load 1. 0xE0000
0x90
HPLOAD_EN
Reserved
HPLOAD_CHN_SEL
Reserved
HPLOAD_AC_START
HPLOAD_DC_START
1
00
1
00
0
0
Enable impedance subsystem
HPOUTB selected
13 Wait for interrupt. Check if HPLOAD_ON_INT = 1 in Interrupt Status 4 register (0xF0003)
14 Start DC impedance measurement
HP Load 1. 0xE0000
0x91
HPLOAD_EN
Reserved
HPLOAD_CHN_SEL
Reserved
HPLOAD_AC_START
HPLOAD_DC_START
1
00
1
00
0
1
HPOUTB selected
Start DC impedance measurement
15 Wait for interrupt. Read Interrupt Status 4 register (0xF0003). If HPLOAD_UNPLUG_INT = 1, go to the last step as an error has occurred. If
HPLOAD_OOR_INT = 1, go to the last step as an error has occurred. Otherwise, if HPLOAD_DC_DONE_INT = 1, go to the next step.
16 DC impedance values are available in HP DC Load Status 0 (0xE000D) and HP DC Load Status 1 (0xE000E) registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com