Electronic Components Datasheet Search
  English  ▼

X  

LTC4292 Datasheet(PDF) 35 Page - Analog Devices

Part # LTC4292
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 35 Page - Analog Devices

Back Button LTC4292 Datasheet HTML 31Page - Analog Devices LTC4292 Datasheet HTML 32Page - Analog Devices LTC4292 Datasheet HTML 33Page - Analog Devices LTC4292 Datasheet HTML 34Page - Analog Devices LTC4292 Datasheet HTML 35Page - Analog Devices LTC4292 Datasheet HTML 36Page - Analog Devices LTC4292 Datasheet HTML 37Page - Analog Devices LTC4292 Datasheet HTML 38Page - Analog Devices LTC4292 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
LTC9101-2/LTC9102
35
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
tolerance or better, and no more than ±200ppm/°C tem-
perature coefficient.
Port Output Cap
Each port requires a 0.1μF cap across OUTn to AGND
(see Figure 30) to keep the LTC9102 stable while in cur-
rent limit during startup or overload. Common ceramic
capacitors often have significant voltage coefficients; this
means the capacitance is reduced as the applied voltage
increases. To minimize this problem, X7R ceramic capaci-
tors rated for at least 100V are recommended and must
be located close to the LTC9102.
Surge Protection
Ethernet ports can be subject to significant cable surge
events. To keep PoE voltages below a safe level and protect
the application against damage, protection components,
as shown in Figure 30, are required at the main supply,
at the LTC9102 supply pins, and at each port.
Bulk transient voltage suppression (TVSBULK) and bulk
capacitance (CBULK) are required across the main PoE
supply and should be sized to accommodate system level
surge requirements.
Across each LTC9102 AGND pin and VEEpin is a SMAJ58A
58V TVS (D1) and a 1µF, 100V bypass capacitor (C1). These
components must be placed close to the LTC9102 pins.
Each port requires an S1B clamp diode from OUTn to
supply AGND. This diode steers harmful surges into the
supply rails where they are absorbed by the surge sup-
pressors and the VEE bypass capacitance. The layout of
these paths must be low impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com