Electronic Components Datasheet Search
  English  ▼

X  

LTC4292 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC4292
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC4292 Datasheet HTML 18Page - Analog Devices LTC4292 Datasheet HTML 19Page - Analog Devices LTC4292 Datasheet HTML 20Page - Analog Devices LTC4292 Datasheet HTML 21Page - Analog Devices LTC4292 Datasheet HTML 22Page - Analog Devices LTC4292 Datasheet HTML 23Page - Analog Devices LTC4292 Datasheet HTML 24Page - Analog Devices LTC4292 Datasheet HTML 25Page - Analog Devices LTC4292 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
LTC9101-2/LTC9102
22
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Status or Channel Status register, as appropriate. If the
LTC9101-2/LTC9102 is in auto mode, it will additionally
use the classification result to set 2P Police, 4P Police,
4P PCUT Enable and DC Disconnect thresholds.
Classification is disabled for a port when the LTC9101-2/
LTC9102 is initially powered up with Auto mode disabled,
when the port is in shutdown mode, or when the corre-
sponding Class Enable bit is cleared.
Figure 14.
VOLTAGE (VCLASS)
0
80
50
40
30
20
10
0
5
10
15
20
9101-2 F14
25
TYPICAL
CLASS 3
PD LOAD
LINE
48mA
33mA
PSE LOAD LINE
23mA
14.5mA
6.5mA
CLASS 4
CLASS 2
CLASS 1
CLASS 0
CLASS 3
OVER
CURRENT
≈
≈
PD Classification
Figure 15.
9101-2 F15
VCLASSMIN
VMARKMAX
VSIGMIN
VRESET
DETECT
CLASS
POWER ON
Type 1 or 2 PSE, 1-Event Class Sequence
Table 9. Type 1 and Type 2 PD Classification Values
CLASS
RESULT
Class 0
No Class Signature Present; Treat Like Class 3
Class 1
3.84W
Class 2
6.49W
Class 3
13W
Class 4
25.5W (Type 2)
auto mode, 2P Police, 4P Police, and DC Disconnect are
automatically set; see the Reset and the PWRMD section
for more information.
Detection is disabled for a port when the LTC9101-2/
LTC9102 is initially powered up in Auto mode, when the
port is in shutdown mode, or when the corresponding
Detect Enable bit is cleared.
Detection of Legacy PDs
Proprietary PDs that predate the original IEEE 802.3af stan-
dard are commonly referred to today as legacy PDs. One
type of legacy PD uses a large common-mode capacitance
(>10μF) as the detection signature.
When large capacitance devices are detected, connec-
tion check will be skipped, and detection/classification will
only be performed on the channel where a large capaci-
tance device was detected. Legacy PDs may be inferred
by detection and classification result, per the Palpatine
specification. Legacy PDs are not automatically powered
in Auto mode.
CLASSIFICATION
802.3af Classification
A PD may optionally present a classification signature
to the PSE to indicate the maximum power it will draw
while operating. The IEEE specification defines this sig-
nature as a constant current draw when the PSE port
voltage is in the VCLASS range (between 15.5V and 20.5V)
as shown in Figure 15, with the current level indicating
one of five possible PD signatures. Figure 14 shows a
typical PD load line, starting with the slope of the 25k
signature resistor below 10V, then transitioning to the
classification signature current (in this case, Class 3)
in the VCLASS range. Table 9 shows the possible clas-
sification values.
If classification is enabled, the PSE will classify the PD
immediately after a successful detection cycle. The PSE
measures the PD classification signature by applying
VCLASS to the port via OUTn and measuring the resulting
current; it then reports the discovered class in the Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com