Electronic Components Datasheet Search
  English  ▼

X  

LTC4292 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4292
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 1 Page - Analog Devices

  LTC4292 Datasheet HTML 1Page - Analog Devices LTC4292 Datasheet HTML 2Page - Analog Devices LTC4292 Datasheet HTML 3Page - Analog Devices LTC4292 Datasheet HTML 4Page - Analog Devices LTC4292 Datasheet HTML 5Page - Analog Devices LTC4292 Datasheet HTML 6Page - Analog Devices LTC4292 Datasheet HTML 7Page - Analog Devices LTC4292 Datasheet HTML 8Page - Analog Devices LTC4292 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
LTC9101-2/LTC9102
1
Rev. 0
For more information www.analog.com
Document Feedback
n
PoE PSE Switches/Routers and Midspans
APPLICATIONS
12/24-Port IEEE 802.3bt PoE PSE Controller
The LTC®9101-2 chipset is a 12/24-port power sourcing
equipment (PSE) controller designed for use in IEEE 802.3bt
Type 3 and 4 compliant Power over Ethernet (PoE) systems.
The LTC9101-2/LTC9102 is designed to power compliant
802.3af, 802.3at, and 802.3bt PDs. The LTC9101-2/LTC9102
chipset delivers lowest-in-industry heat dissipation by utiliz-
ing low RDS(ON) externalMOSFETsand0.1Ωsenseresistance
per power channel. A transformer-isolated communication
protocol replaces expensive opto-couplers and complex iso-
lated 3.3V supply, resulting in significant BOM cost savings.
Advanced power management features include per-port
14-bit current/voltage monitoring, programmable power
limits, and versatile fast shut down of preselected ports.
An advanced power management host software layer is
available. PD detection uses a proprietary multipoint detec-
tion mechanism ensuring excellent immunity from false PD
identification. Autoclass and 5-event physical classifica-
tion are supported. The LTC9101-2/LTC9102 includes an
I2C serial interface operable up to 1MHz. The LTC9101-2/
LTC9102 is pin or I2C programmable to negotiate PD deliv-
ered power up to 71.3W.
n
Fully Compliant IEEE 802.3bt Type 3 and 4 PSE
n
Up to 24 PSE Ports with Two Power Channels per Port
n
+80V/–20V Tolerant Port-Facing Pins
n
ECC-Protected eFlash and Data RAMs
n
Low Power Path Dissipation per Channel
n
100mΩ Sense Resistance
n
30mΩ or Lower MOSFET RDS(ON)
n
Chipset Provides Electrical Isolation
n
Eliminates Optos and Isolated 3.3V Supply
n
Very High Reliability Multipoint PD Detection
n
Connection Check Distinguishes Single-
Signature and Dual-Signature PDs
n
Continuous Per-Port Voltage and Current Monitoring
n
1MHz I2C Compatible Serial Control Interface
n
Pin or I2C Programmable PD Power
n
Available in a 24-Lead 4mm × 4mm (LTC9101-2) and
64-Lead 7mm × 11mm (LTC9102) QFN Packages
All registered trademarks and trademarks are the property of their respective owners.
TYPICAL APPLICATION
ID:11b
ID:10b
ID:01b
VEE
>47µF
0.1µF
100V
S1B
0.1µF
1µF
100V
CPA
CNA
DPA
DNA
VEE
SENSE1
GATE1
AGND
LTC9102
1000BASE-T
OUT1
SENSE2
VSSK2
GATE2
OUT2
TX1
TX2
TX3
TX4
RJ45
1
2
6
4
3
5
7
8
VEE
VEE
OSS
CFG1
CFG0
SCL
SDAIN
DGND
DPD
CND
VDD
LTC9101-2
CPD
DND
AD3
AD4
AD1
AD2
SDAOUT
RESET
INT
3.3V
VEE
ONE 4-PAIR PORT SHOWN
ID:00b
0.1
VEE
VSSK1
0.1
FLASH
0.1µF
100V
S1B
1
2
3
4
VEE
VEE
9101-2 TA01a
FEATURES
DESCRIPTION


Similar Part No. - LTC4292

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
4-Port IEEE 802.3bt PoE PSE Controller
logo
Analog Devices
LTC4292 AD-LTC4292 Datasheet
1Mb / 40P
4-Port IEEE 802.3bt PoE PSE Controller
LTC4292 AD-LTC4292 Datasheet
3Mb / 50P
48-Port IEEE 802.3bt PoE PSE Controller
LTC4292 AD-LTC4292 Datasheet
2Mb / 30P
8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control
Rev. 0
LTC4292 AD-LTC4292 Datasheet
2Mb / 34P
12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
More results

Similar Description - LTC4292

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4270 LINER-LTC4270 Datasheet
616Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270_12 Datasheet
389Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270_15 Datasheet
403Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4271 LINER-LTC4271_15 Datasheet
403Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
4-Port IEEE 802.3bt PoE PSE Controller
logo
ON Semiconductor
NCP1095 ONSEMI-NCP1095 Datasheet
396Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
logo
Analog Devices
LTC4291-1 AD-LTC4291-1 Datasheet
1Mb / 40P
4-Port IEEE 802.3bt PoE PSE Controller
LTC9101-1 AD-LTC9101-1 Datasheet
3Mb / 50P
48-Port IEEE 802.3bt PoE PSE Controller
LTC9101-2A AD-LTC9101-2A Datasheet
2Mb / 34P
12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
logo
Skyworks Solutions Inc.
SI3471 SKYWORKS-SI3471 Datasheet
585Kb / 26P
Autonomous Single Ethernet Port IEEE 802.3bt PoE PSE Device
Revision 1.0 May, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com