Electronic Components Datasheet Search
  English  ▼

X  

LTC4292 Datasheet(PDF) 40 Page - Analog Devices

Part # LTC4292
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 40 Page - Analog Devices

Back Button LTC4292 Datasheet HTML 36Page - Analog Devices LTC4292 Datasheet HTML 37Page - Analog Devices LTC4292 Datasheet HTML 38Page - Analog Devices LTC4292 Datasheet HTML 39Page - Analog Devices LTC4292 Datasheet HTML 40Page - Analog Devices LTC4292 Datasheet HTML 41Page - Analog Devices LTC4292 Datasheet HTML 42Page - Analog Devices LTC4292 Datasheet HTML 43Page - Analog Devices LTC4292 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
LTC9101-2/LTC9102
40
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
1
2
3
4
5
6
7
8
RJ45
1000pF
2kV
75
CT48
75
CT47
CT46
75
75
CT45
S1B
1
2
3
4
5
6
7
8
RJ45
1000pF
2kV
75
CT4
75
CT3
CT2
75
75
REPEAT CONFIGURATION AND CONNECTIONS FOR ALL 2-PAIR PORTS
CT1
Q1
S1B
0.1F
100V
PORT 12
DATA AND
2-PAIR POWER OUT
PORT 1
DATA AND
2-PAIR POWER OUT
CPA
CNA
DPA
DNA
AGND
LTC9102
SENSE12
VSSK12
GATE12
OUT12
SENSE1
VSSK1
GATE1
OUT1
VEE
VEE
VEE
T1, T12: WURTH 7490220121
COILCRAFT ETH1-460L
CT1 TO CT48: 0.01F, 200V
Q1 TO Q12: NXP PSMN075-100MSE
T1
T12
Q12
RS12
0.1
1/10W
RS1
0.1
1/10W
0.1F
100V
VEE
9101-2 F32
Figure 32. Alternative A (MDI-X) and B (S), 4-Pair, 1000Base-T, IEEE 802.3bt, Type 3 or Type 4 PSE, Ports 1 and 6 Shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com