Electronic Components Datasheet Search
  English  ▼

X  

LTC4292 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC4292
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC4292 Datasheet HTML 10Page - Analog Devices LTC4292 Datasheet HTML 11Page - Analog Devices LTC4292 Datasheet HTML 12Page - Analog Devices LTC4292 Datasheet HTML 13Page - Analog Devices LTC4292 Datasheet HTML 14Page - Analog Devices LTC4292 Datasheet HTML 15Page - Analog Devices LTC4292 Datasheet HTML 16Page - Analog Devices LTC4292 Datasheet HTML 17Page - Analog Devices LTC4292 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
LTC9101-2/LTC9102
14
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
VSSK[12:1] (Pins 47, 46, 39, 38, 31, 30, 23, 22, 15,
14, 7, 6 Respectively): Kelvin Sense to VEE. Connect to
VEE side of sense resistor for channel n through a 0.1Ω
resistor. Do not connect directly to VEE plane. See Kelvin
Sense Requirements.
SENSE[12:1] (Pins 48, 45, 40, 37, 32, 29, 24, 21, 16, 13,
8, 5 Respectively): Current Sense Input, channel n. SENSEn
monitors the external MOSFET current via a 0.1Ω sense resis-
tor between SENSEn and VSSKn. If the voltage across the
sense resistor reaches the current limit threshold ILIM-2P, the
GATEn pin voltage is lowered to maintain constant current in
the external MOSFET. See Applications Information for further
details. If the channel is unused, tie SENSEn to VEE.
OUT[12:1] (Pins 49, 44, 41, 36, 33, 28, 25, 20, 17,
12, 9, 4 Respectively): Output Voltage Monitor, channel
n. Connect OUTn to the output channel. A current limit
foldback circuit limits the power dissipation in the external
MOSFET by reducing the current limit threshold when the
drain-to-source voltage exceeds 10V. A port power good
event is raised when the voltage from OUTn to VEE drops
below 2.4V (typ). A 500k resistor is connected internally
from OUTn to AGND when the channel is idle. If the chan-
nel is unused, the OUTn pin must float.
GATE[12:1] (Pins 50, 43, 42, 35, 34, 27, 26, 19, 18,
11, 10, 3 Respectively): Gate Drive, channel n. Connect
GATEn to the gate of the external MOSFET for channel n.
When the MOSFET is turned on, the gate voltage is driven
to 12V (typ) above VEE. During a current limit condition,
the voltage at GATEn will be reduced to maintain constant
current through the external MOSFET. If the fault timer
expires, GATEn is pulled down, turning the MOSFET off
and raising a port fault event. If the channel is unused,
the GATEn pin must float.
ID[1:0] (Pins 52, 51 respectively): Transceiver ID. Sets
the address of the LTC9102 on the multidrop high-speed
data interface. ID numbering must start at 00b. Tie high
by connecting to CAP3. Tie low by connecting to VEE. See
Device Configuration section for details.
PWRIN (Pin 55): Startup Regulator Bypass and External Low
Voltage Supply Input. Power for the internal 4.3V and 3.3V
internal supplies. An internal regulator maintains the voltage
of this pin above 6V. An external resistor or supply may be
connected to this node to improve the power efficiency of the
LTC9102. Connect a 1µF capacitor between this pin and VEE.
AGND (Pin 56): Analog Ground.
PWRMD[1:0] (Pins 57, 58 Respectively): Maximum Power
Mode Input. Connect PWRMD0 of the LTC9102 with ID[1:0]
= 00b to VEE with configuration resistor RPWRMD. When the
LTC9101-2 is reset, RPWRMD selects initial maximum power
allocation values for every port in the chipset; the system
power supply must be sized to support all ports outputting
up to RPWRMD. When auto mode is enabled, the chipset runs
independently as a PoE PSE. The chipset will detect and class
all ports and grant power to each port up to RPWRMD set-
ting. The PWRMD0 pin of LTC9102 with ID pins set to 01b,
10b, and 11b must be left floating. The PWRMD1 pin of all
LTC9102 must be left floating. See Auto Mode Maximum PSE
Power for RPWRMD options and details. The PWRMD pins are
ignored when a custom configuration package is present. See
Stored Configurations for details.
CAP4 (Pin 59): Analog Internal 4.3V Power Supply
Bypass Capacitor. Connect a 1μF ceramic cap to VEE. Do
not source or sink current from this pin.
VEE (Pins 60, 65): Main PoE Supply Input. Connect to a
–51V to –57V supply, relative to AGND. Voltage depends
on PSE Type (Type 3 or 4).
DNA (Pin 61): Data Transceiver Negative Input Output
(Analog). Connect to DND through a data transformer.
DPA (Pin 62): Data Transceiver Positive Input Output
(Analog). Connect to DPD through a data transformer.
CNA (Pin 63): Clock Transceiver Negative Input Output
(Analog). Connect to CND through a data transformer.
CPA (Pin 64): Clock Transceiver Positive Input Output
(Analog). Connect to CPD through a data transformer.
COMMON PINS
NC, DNC (LTC9101-2 Pins 4, 13; LTC9102 Pins 53,
54): All pins identified with “NC” or “DNC” must be left
unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com