Electronic Components Datasheet Search
  English  ▼

X  

LTC4292 Datasheet(PDF) 41 Page - Analog Devices

Part # LTC4292
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 41 Page - Analog Devices

Back Button LTC4292 Datasheet HTML 36Page - Analog Devices LTC4292 Datasheet HTML 37Page - Analog Devices LTC4292 Datasheet HTML 38Page - Analog Devices LTC4292 Datasheet HTML 39Page - Analog Devices LTC4292 Datasheet HTML 40Page - Analog Devices LTC4292 Datasheet HTML 41Page - Analog Devices LTC4292 Datasheet HTML 42Page - Analog Devices LTC4292 Datasheet HTML 43Page - Analog Devices LTC4292 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
LTC9101-2/LTC9102
41
Rev. 0
For more information www.analog.com
VEE
>47µF
0.1µF
100V
S1B
0.1µF
1µF
100V
PWRMD0
CPA
CNA
DPA
DNA
CAP3
EXT3
VEE
SENSE1
GATE1
AGND
1000BASE-T
OUT1
SENSE2
VSSK2
GATE2
OUT2
TX1
TX2
TX3
TX4
RJ45
1
2
6
4
3
5
7
8
ID0
ID1
VEE
VEE
CFG0
CFG1
DGND
3.3V
1µF
CND
DPD
DND
CPD
VDD
LTC9101-2
RESET
3.3V
3.3V
VEE
PORT 1
D1
3.3V
D2
D2: SMAJ58A
D1: SMCJ58A
0.1
PSMN040-100MSE
VEE
VSSK1
0.1
PSMN040-100MSE
0.1µF
100V
S1B
3.3V REGULATOR
LTC9102
VEE
9101-2 F33
Figure 33. Autonomous IEEE 802.3bt 4-Pair PSE, Type 3 or Type 4, Alternative A (MDI-X) and B (S), 1000Base-T, 1 Port Shown
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com