Electronic Components Datasheet Search
  English  ▼

X  

TC855 Datasheet(PDF) 20 Page - Allen-Bradley

Part # TC855
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC855 Datasheet(HTML) 20 Page - Allen-Bradley

Back Button TC855 Datasheet HTML 16Page - Allen-Bradley TC855 Datasheet HTML 17Page - Allen-Bradley TC855 Datasheet HTML 18Page - Allen-Bradley TC855 Datasheet HTML 19Page - Allen-Bradley TC855 Datasheet HTML 20Page - Allen-Bradley TC855 Datasheet HTML 21Page - Allen-Bradley TC855 Datasheet HTML 22Page - Allen-Bradley TC855 Datasheet HTML 23Page - Allen-Bradley TC855 Datasheet HTML 24Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 114 page
background image
20
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
100-C/104-C, 100S-C/104S-C, 100Q-C Contactors
Product Selection—100-C/104-C Contactors
Assignment of Contacts
Table valid for: AC / DC = 0.85…1.1 x Us, Tamb = -25 °C…+60 °C (-13…140 °F), normal position (horizontal rail mounting)
Device Combinations in Accordance with IEC 60947-1 / -4-1
Auxiliary Contact Blocks
100-C Contactors (AC and DC Control)
Circuit
Diagram
Control
100-C09_10
100-C12_10
100-C16_10
100-C23_10
100-C09_01
100-C12_01
100-C16_01
100-C23_01
100-C30_00
100-C37_00
100-C43_00
100-C55_00
100-C60_00
100-C72_00
100-C85_00
100-C97_00
100-C09_400
100-C12_400
100-C16_400
100-C23_400
100-C40_400
100-C90_400
100-C09_300
100-C12_300
100-C16_300
100-C23_300
100-C09_200
100-C12_200
100-C16_200
100-C23_200
100-C40_200
100-C90_200
Side Mounting (1)
(1)
Up to 8 auxiliary contacts possible: contactor + front mounted (AC max. 4 N.C. / DC max. 4 N.C.), side mounted (AC max. 2 N.O. / DC max. 2 N.O. and max. 2 N.C.).
100-SB01
AC/DC
10 + 01 = 11
01 + 01 = 02 (2)
(2) Double numbering: because of double numbering only left-side mounting is recommended.
00 + 01 = 01
00 + 01 = 01
00 + 01 = 01
00 + 01 = 01
100-SB10
AC/DC
10 + 10 = 20 (2)
01 + 10 = 11
00 + 10 = 10
00 + 10 = 10
00 + 10 = 10
00 + 10 = 10
100-SB02
AC/DC
10 + 02 = 12 (2)
—
00 + 02 = 02
00 + 02 = 02
00 + 02 = 02
00 + 02 = 02
100-SB11
AC/DC
10 + 11 = 21 (2)
01 + 11 = 12 (2)
00 + 11 = 11
00 + 11 = 11
00 + 11 = 11
00 + 11 = 11
100-SB20
AC/DC
10 + 20 = 30 (2)
01 + 20 = 21 (2)
00 + 20 = 20
00 + 20 = 20
00 + 20 = 20
00 + 20 = 20
100-SBL11 (3)
(3) Early make and/or late break.
AC/DC
10 + L11 = L21 (2)
01 + L11 = L12 (2)
00 + L11 = L11
00 + L11 = L11
00 + L11 = L11
00 + L11 = L11
14
13
2
1
4
3
6
5
A1
A2
K1
22
21
2
1
4
3
6
5
A1
A2
K1
2
1
4
3
6
5
A1
A2
K1
8
7
2
1
4
3
6
5
A1
A2
K1
2
1
4
3
R8
R7
A1
A2
K1
6
5
2
1
8
7
R6
R5
A1
A2
K1
R4
R3
22
21
14
13
12
11
22
21
14
13
22
21
14
13
24
23
25
17
18 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com