Electronic Components Datasheet Search
  English  ▼

X  

TC855 Datasheet(PDF) 48 Page - Allen-Bradley

Part # TC855
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC855 Datasheet(HTML) 48 Page - Allen-Bradley

Back Button TC855 Datasheet HTML 44Page - Allen-Bradley TC855 Datasheet HTML 45Page - Allen-Bradley TC855 Datasheet HTML 46Page - Allen-Bradley TC855 Datasheet HTML 47Page - Allen-Bradley TC855 Datasheet HTML 48Page - Allen-Bradley TC855 Datasheet HTML 49Page - Allen-Bradley TC855 Datasheet HTML 50Page - Allen-Bradley TC855 Datasheet HTML 51Page - Allen-Bradley TC855 Datasheet HTML 52Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 114 page
background image
48
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
100-C/104-C, 100S-C/104S-C, 100Q-C Contactors
Specifications
Table 21 - General Specifications
Attribute
Value
Rated Isolation Voltage Ui
IEC
[V]
690
UL, CSA
[V]
600
Rated Impulse Voltage Withstand Uimp
[kV]
6
Rated Voltage Ue
AC 50/60 Hz
[V]
115, 200, 230, 240, 400, 415, 460, 500, 575, 690
DC
[V]
24, 48, 110, 220, 440
Insulation Class of the Coil
Class F per IEC 60085, UL Class 105
Rated coil frequency
AC 50/60Hz, DC
Ambient Temperature
Storage
[ °C ( °F)]
-55…+80 (-67…176)
Operation at rated voltage
[ °C ( °F)]
-40…+60 (-40…140)
at 70 °C (158 °F)
15% current reduction against 60 °C (140 °F) values
Climatic Withstand
IEC 60068-2-1/-2/-30
Max. Altitude of Installation Site
[m]
2000 NN, per IEC60947-1
Protection Class
100-C09…C23: IP2X from all directions
100-C30…C55: IP2X from front with front (upper) terminal wired
100-C60…C97: IP2X from front with front (upper) terminal wired (min. wire size 16 mm2 or #6 AWG)
Single contactor cover
—
Contactor with frame terminal block
—
Auxiliary contact
IP2X
Protection against Accidental Contact
Finger- and back-of-hand proof per VDE0106, part100
Resistance to Shock
IEC60068-2-27
Resistance to Vibration
IEC60068-2-6
Mechanically Linked Contacts IEC60947-5-1,Annex L
100-/100S-C09…C55+100-FA/-FB/-FC, (except L11, L22),100-/100S-C09…C55+ 100-FAB/-FBB/-FCB
Mirror Contacts IEC60947-4 Annex F
100-/100S-C09…C97+100-FA/-FB/-FC, (except L11, L22),100-/100S-C09…C97+ 100-SA/SB,
100-/100S-C09…C97+100-FAB/-FBB/-FCB
Table 22 - Standards Compliance and Certifications
Standards Compliance
Certifications
Standards Compliance
Certifications
100-C IEC Contactors
100Q-C Capacitor-switching Contactors
EN/IEC 60947-4-1, 60947-5-1
CE Marked
IEC 60947-4
CE Marked
IEC 60947 Type “2” Coordination CCC
CSA C22.2 No. 14
cULus Listed (File No. E 41850, Guide NLDX, NLDX7)
CSA 22.2. No. 14
cULus Listed (File No. E3125; Guide NLDX, NLDX7)
UL 508
UL 508
Meets the material restrictions for European Directive 2002/95/IEC-EU-RoHS
Meets the material restrictions for European Directive 2002/95/IEC-EU-RoHS
100S-C IEC Safety Contactors
EN50205
CE Marked
CSA C22.2 No. 14
SUVA Third-Party Certified
UL 508
cULus Listed (File No. E3125; Guide NLDX, NLDX7)
EN/IEC 60947-4
IEC 60947-4-1 Annex F — Mirror Contacts
IEC 60947-5-1 Annex L — Mechanically Linked Contacts
Meets the material restrictions for European Directive 2002/95/IEC-EU-RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com