Electronic Components Datasheet Search
  English  ▼

X  

TC855 Datasheet(PDF) 45 Page - Allen-Bradley

Part # TC855
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC855 Datasheet(HTML) 45 Page - Allen-Bradley

Back Button TC855 Datasheet HTML 41Page - Allen-Bradley TC855 Datasheet HTML 42Page - Allen-Bradley TC855 Datasheet HTML 43Page - Allen-Bradley TC855 Datasheet HTML 44Page - Allen-Bradley TC855 Datasheet HTML 45Page - Allen-Bradley TC855 Datasheet HTML 46Page - Allen-Bradley TC855 Datasheet HTML 47Page - Allen-Bradley TC855 Datasheet HTML 48Page - Allen-Bradley TC855 Datasheet HTML 49Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 114 page
background image
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
45
100-C/104-C, 100S-C/104S-C, 100Q-C Contactors
Specifications
Table 18 - Short-Circuit Coordination Data(1)
(1)
See the Rockwell Automation Global SCCR Tool at rok.auto/sccr for complete short-circuit current ratings.
100/104-C, 100S/104S-C
09
12
16
23
30
37
40*200 40*400
43
55
60
72
85
90*200 90*400
97
Coil Type:
Conventional
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Electronic - EI
X
X
X
X
X
X
X
X
X
X
—
—
—
—
—
—
Short Circuit Coordination (Max. Fuse or Circuit Breaker Rating) Per IEC 60947-4-1 (contactor and fuses only)
DIN Fuses- gG, gL
50 kA Available Fault Current
Type"1"(690V)
[A]
50
50
50
80
125
125
160
160
160
160
250
250
250
250
250
250
Type"2"(400V)
[A]
25
35
35
40
80
80
63
80
100
100
160
160
160
160
100
200
Type"2"(690V)
[A]
25
35
35
40
80
80
63
80
100
100
160
160
160
160
100
200
BS88Fuses
65kA Available Fault Current
Type"1"(415V)
[A]
25
32
40
50
63
80
—
—
80
TBD
100
160
160
—
—
TBD
Type"2"(415V)
[A]
20
25
32
50
63
80
—
—
80
TBD
100
125
160
—
—
TBD
Per UL 508 and CSA 22.2 No. 14 (contactor and fuses or circuit breaker only)
UL Class K5 and
RK5 Fuses
UL Listed
Combination (600V)
5 kA Available Fault Current
[A]
35
40
70
90
110
125
125
125
150
200
200
—
—
—
—
—
10 kA Available Fault Current
[A]
——
————
—
—
—
—
—
250
300
300
300
350
UL Class CC and CSA
HRCI-MISC Fuses
UL verified
combination to
IEC60947-4-1
"Type2"
100 kA Available Fault Current
[A] 20(2)
(2) 15 A max. fuse for Type 2 coordination.
20
30
40
—
—
—
—
—
—
—
—
—
—
—
—
UL Class J and CSA
HRCI-J Fuses
UL verified
combination to
IEC60947-4-1
"Type 2"
100 kA Available Fault Current
[A] 20(2)
20
30
40
50
50
—
—
70
80
80
100
150
—
—
175
UL Inverse-time
Circuit Breaker
UL Listed
Combination (480V)
5 kA Available Fault Current
[A]
30305050
125
125
—
—
125
150
250—
—
—
—
—
UL Listed
Combination (600V)
[A]
—
—
—
—
125
125
—
—
125
150
250
—
—
—
—
—
10 kA Available Fault Current
[A]
——
————
—
—
—
—
—
250
250
—
—
250
18 kA Available Fault Current
[A]
——
————
—
—
—
—
—
—
—
—
—
—
UL Listed
Combination
(600Y/347V)
25 kA Available Fault Current
[A] 30(3)
(3) Ratings apply when used with Bulletin 140U-D circuit breakers only.
30(3) 30(3) 30(3) 50(4)
(4) Minimum enclosure size 12-3/8 x 7-5/8 s 7-1/4 inches
50(4)
——
50(4)
—
110
110
110
—
—
—
UL Listed
Combination (600V)
[A]
—
—
—
—
100(5)
(5) Minimum enclosure size 20 x 12 x 8 inches with two latches.
100(5)
——
100(5) 125 200(5) 225(5) 225(5)
——
225(5)
UL Listed
Combination (480V)
50 kA Available Fault Current
[A]
—
—
—
—
50(4) 50(4)
——
50(4)
——
—
—
—
—
—
UL Listed
Combination (480Y/
277V)
65 kA Available Fault Current
[A] 30(3) 30(3) 30(3) 30(3)
——
—
—
—
—
—
—
—
—
—
—
UL Listed
Combination (480V)
[A]
—
—
—
—
100(5) 100(5)
——
100(5) 125 200(5) 225(5) 225(5)
——
225(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com