Electronic Components Datasheet Search
  English  ▼

X  

TC855 Datasheet(PDF) 76 Page - Allen-Bradley

Part # TC855
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC855 Datasheet(HTML) 76 Page - Allen-Bradley

Back Button TC855 Datasheet HTML 72Page - Allen-Bradley TC855 Datasheet HTML 73Page - Allen-Bradley TC855 Datasheet HTML 74Page - Allen-Bradley TC855 Datasheet HTML 75Page - Allen-Bradley TC855 Datasheet HTML 76Page - Allen-Bradley TC855 Datasheet HTML 77Page - Allen-Bradley TC855 Datasheet HTML 78Page - Allen-Bradley TC855 Datasheet HTML 79Page - Allen-Bradley TC855 Datasheet HTML 80Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 114 page
background image
76
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
100-E/104-E, 100S-E/104S-E Contactors
Specifications
9…96 A Contactor Specifications
Table 33 - Main Circuits
100/104-E, 100S/104S-E
9
12
16
26
30
38
40
52
65
80
96
AC-1 Active Power Load (50/60Hz); Ambient temperature 40 °C (104 °F)
Rated Operational
Current, Ie
690V
[A]
25
28
30
45
50
50
70
100
105
125
130
1000V
[A]
————
————
—
35
40
Rated Operational
Power, Pe
230
[kW]
10
11
12
18
20
20
28
40425052
240
[kW]
10
12
12
19
21
21
29
42445254
400
[kW]
17
19
21
31
353548
69
73
8790
415
[kW]
18
20
223236
36
50
72
7590
93
500
[kW]
22
24
26
39
43
43
61
87
91
108
113
690
[kW]
30
33
36
54
60
60
84
120
125
149
155
1000
[kW]
————
————
—
61
69
Ambient temperature 60 °C (140 °F)
Rated Operational
Current, Ie
690V
[A]
25
28
3040
42
42
60
8090
100
105
1000V
[A]
————
————
—
35
40
Rated Operational
Power, Pe
230
[kW]
10
11
12
16
17
17
24
32
36
40
42
240
[kW]
10
12
12
17
17
17
25
33
37
42
44
400
[kW]
17
19
21
28
292942
55
6269
73
415
[kW]
18
20
22
29
30
30
43
58
65
72
75
500
[kW]
22
24
26
35
36
36
52
69
78
87
91
690
[kW]
30
33
36
48
50
50
72
96
108
120
125
1000
[kW]
————
————
—
61
69
Ambient temperature 70 °C (158 °F)
Rated Operational
Current, Ie
690V
[A]
22
24
26
32
37
37
507080
8590
1000V
[A]
————
————
—
35
40
Rated Operational
Power, Pe
230
[kW]
9
10
10
13
15
15
20
28
32
34
36
240
[kW]
9
10
11
13
15
15
21
29
33
35
37
400
[kW]
15
17
18
22
26
26
35
48
55
59
62
415
[kW]
16
17
19
23
27
27
36
50
58
61
65
500
[kW]
19
21
23
2832
3243
61
69
74
78
690
[kW]
26
29
31
38
44
44
60
84
96
102
108
1000
[kW]
————
————
—
61
69
With Conductor sizes
[mm2]
4
6
6
101010
25
35
35
50
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com