Electronic Components Datasheet Search
  English  ▼

X  

TC855 Datasheet(PDF) 75 Page - Allen-Bradley

Part # TC855
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC855 Datasheet(HTML) 75 Page - Allen-Bradley

Back Button TC855 Datasheet HTML 71Page - Allen-Bradley TC855 Datasheet HTML 72Page - Allen-Bradley TC855 Datasheet HTML 73Page - Allen-Bradley TC855 Datasheet HTML 74Page - Allen-Bradley TC855 Datasheet HTML 75Page - Allen-Bradley TC855 Datasheet HTML 76Page - Allen-Bradley TC855 Datasheet HTML 77Page - Allen-Bradley TC855 Datasheet HTML 78Page - Allen-Bradley TC855 Datasheet HTML 79Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 114 page
background image
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
75
100-E/104-E, 100S-E/104S-E Contactors
Specifications
Specifications
Table 31 - General Specifications
100-E, 100S-E, 104-E, 104S-E09…65
100-E, 100S-E, 104S-E80…96, 104-E80…2650
Rated Isolation Voltage Ui
IEC
[V]
690
1000
UL, CSA
[V]
600
600
Rated Impulse Voltage Withstand Uimp
[kV]
6
8
Rated Voltage Ue
AC 50/60 Hz
[V]
115, 200, 230, 240, 400, 415, 460 500, 575, 690, 1000
DC
[V]
24, 48, 110, 220, 440
Electromagnetic compatibility
IEC 60947-1 - Environment A and B(1)
(1)
100-E09…E38 only.
Insulation Class of the Coil
Class F per IEC 60947-4-1
Rated coil frequency
AC 50/60 Hz, DC
Ambient Temperature
Storage
[°C ( °F)]
-60…+80 (-76…+176)
-40…+70 (-40…+158)
Operation at
rated voltage
[°C ( °F)]
-40…+70 (-40…+158)
-40…+70 (-40…+158)
Max. Altitude of Installation Site
[m]
3000
Climatic Withstand
Category B according to IEC 60947-1, Annex Q
Resistance to Shock
IEC 60068-2-27
Resistance to Vibration
IEC 60068-2-6
Protection Class
Contactor main contacts
IP2X(2)
(2) 100-E40…E96 meet IP2X when used with 100-ESC… terminal shrouds.
IP00
Contactor coil terminals
IP2X (in connected state)
Auxiliary contacts
IP2X (in connected state)
Functional Safety Data
(100S-E116…-E750): Usable for
ISO 13849-1 and IEC 62061. Data is
based on the B10 value given and: -
Mission time/Proof test interval of
20 years.
100S-E116…100S-E370
B10: 1.0E+06 operations at 50% max. AC-3 load; failure ratio: 75% failure to open, 25% failure to close
100S-E116…100S-E205
B10: 5.0E+06 operations, mechanical only; failure ratio: 50% failure to open, 50% failure to close
100S-E265…100S-E370
B10: 2.5E+06 operations, mechanical only; failure ratio: 50% failure to open, 50% failure to close
100S-E400…100S-E750
B10: 5.0E+05 operations at 50% max. AC-3 load; failure ratio: 75% failure to open, 25% failure to close
100S-E400…100S-E460
B10: 3.0E+06 operations, mechanical only; failure ratio: 50% failure to open, 50% failure to close
100S-E570…100S-E750
B10: 7.0E+05 operations, mechanical only; failure ratio: 50% failure to open, 50% failure to close
Table 32 - Standards Compliance and Certifications
Standards Compliance
Certifications
• IEC/EN 60947-1, Low-voltage switchgear and controlgear
• cULus, File No. E41850 / E196120 (contactors, reversing contactors)
• IEC/EN 60947-4-1, Low-voltage switchgear and controlgear, Contactors and motor-starters
• UL
• IEC/EN 60947-5-1, Low-voltage switchgear and controlgear, Control circuit devices and switching
elements
•CSA
• CCC
• UL 60947-4-1, Industrial Control Equipment (USA)
• EAC
• CSA C22.2 No. 60947-4-1 Industrial Control Equipment (Canada).
• RCM
• Mechanically Linked Contacts: IEC 60947-5-1, Annex L (100/100S-E09…100/100S-E96 with all
100-E* front- and side-mounted N.C. auxiliary contacts)
•RINA
•KC
• Mirror Contacts: IEC 60947-4-1, Annex F (100/100S-E116…100/100S-E750 with all 100-ES*
side-mounted N.C. auxiliary contacts)
•CE
•SUVA
• SEMI-F47 (Conditions of use on request)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com