Electronic Components Datasheet Search
  English  ▼

X  

TC855 Datasheet(PDF) 84 Page - Allen-Bradley

Part # TC855
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC855 Datasheet(HTML) 84 Page - Allen-Bradley

Back Button TC855 Datasheet HTML 80Page - Allen-Bradley TC855 Datasheet HTML 81Page - Allen-Bradley TC855 Datasheet HTML 82Page - Allen-Bradley TC855 Datasheet HTML 83Page - Allen-Bradley TC855 Datasheet HTML 84Page - Allen-Bradley TC855 Datasheet HTML 85Page - Allen-Bradley TC855 Datasheet HTML 86Page - Allen-Bradley TC855 Datasheet HTML 87Page - Allen-Bradley TC855 Datasheet HTML 88Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 114 page
background image
84
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
100-E/104-E, 100S-E/104S-E Contactors
Specifications
Table 42 - Main Circuits
100/104-E, 100S-E
116
146
190
205
265
305
370
400
460
580
750
860
1060
1260
2050 2650
Switching of 3-phase Motors; (50 Hz)
Ambient temperature 60 °C (140 °F) AC-2, AC-3
Rated Operational
Current, Ie
220-240V
[A]
116
146
190
205
265
305
370
400
460
580
750
860
1060
—
—
—
380-400V
[A]
116
146
190
205
265
305
370
400
460
580
750
860
1060
—
—
—
415V
[A]
116
146
190
205
265
305
370
400
460
580
750
860
1060
—
—
—
440V
[A]
116
146
190
205265
305370
400
460
580750
860
1060
—
—
—
500V
[A]
110
130
156
185
250
290
350
400
460
580
750
860
970
—
—
—
690V
[A]
66
93
135
165
250
290
315
350
400
500
650
800
970
—
—
—
1000V
[A]
46
60
85
100
113
131
141
155
200
250
300
375
400
—
—
—
Rated Operational
Power, Pe
220-240V
[kW]
37
45
55
55
75
90
110
110
132
160
220
250
315
—
—
—
380-400V
[kW]
55
75
90
110
132
160
200
200
250
315
400
475
560
—
—
—
415V
[kW]
55
75
90
110
132
160
200
220
250
355
425
500
630
—
—
—
440V
[kW]
75
90
110
132
160
160
200
220
250
355
450
560
710
—
—
—
500V
[kW]
75
90
110
132
160
200
250
250
315
400
530
630
710
—
—
—
690V
[kW]
63
90
132
160
200
250
315
315
355
500
600
800
1000
—
—
—
1000V
[kW]
55
75
110
132
160
185
200
220
280
355
400
555
600
—
—
—
Load Carrying Capacity per UL/CSA
General-purpose Current
(enclosed)
[A]
160
200
250
300
350
400
520
550
650
750
900
1350
1650
1210
2100
2700
Rated Operational
Current and Power
(enclosed), 3-Phase
200V
[A]
92
120
150
177
221
285
359
359
414
552
692
954
1030
—
—
—
230V
[A]
104
130
154
192248
312360
360
480
604
722
954
1030
—
—
—
460V
[A]
96
124
156
180
240
302
361
414
477
590
722
954
1030
—
—
—
575V
[A]
99
125
144
192
242
289
336
382
472
578
672
944
1050
—
—
—
200V
[Hp]
30
40
50
60
75
100
125
125
150
200
250
—
—
—
—
—
230V
[Hp]
40
50
60
75
100
125
150
150
200
250
300
400
450
—
—
—
460V
[Hp]
75
100
125
150
200
250
300
350
400
500
600
800
900
—
—
—
575V
[Hp]
100
125
150
200
250
300
350
400
500
600
700
1000
1150
—
—
—
Rated Current
(enclosed), with 3
poles in series
260V DC
[A]
160
200
———————————
—
—
—
300V DC
[A]
——
230
250
—————————
—
—
—
340V DC
[A]
——
——
350
400
520
——————
—
—
—
600V DC
[A]
——
—————
550
650
750
900
1050
1350
1210
1900
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com