Electronic Components Datasheet Search
  English  ▼

X  

TC855 Datasheet(PDF) 68 Page - Allen-Bradley

Part # TC855
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC855 Datasheet(HTML) 68 Page - Allen-Bradley

Back Button TC855 Datasheet HTML 64Page - Allen-Bradley TC855 Datasheet HTML 65Page - Allen-Bradley TC855 Datasheet HTML 66Page - Allen-Bradley TC855 Datasheet HTML 67Page - Allen-Bradley TC855 Datasheet HTML 68Page - Allen-Bradley TC855 Datasheet HTML 69Page - Allen-Bradley TC855 Datasheet HTML 70Page - Allen-Bradley TC855 Datasheet HTML 71Page - Allen-Bradley TC855 Datasheet HTML 72Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 114 page
background image
68
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
100-E/104-E, 100S-E/104S-E Contactors
Accessories
Mechanical Interlocks
Description
Connection
Diagrams
For Use With
Cat. No.
Mechanical Interlock
• For interlocking of two contactors
• Two fixing clips included
Mechanical only, without
auxiliary contacts
100-E09…100-E38 (3 pole),
100-E09
400…100-E38400
100-EMCA00A(1)
(1)
Must be ordered in multiples of 10 pieces.
100-E40…100-E96 (3 pole),
100-E40
400…100-E80400
100-EMCA00B(1)
Mechanical Interlock
• For interlocking of two contactors.
• Interlocking of different sizes possible
Mechanical only, without
auxiliary contacts
100-E116...100-E146
100-EM1-00
100-E190...100-E205
100-E265...100-E370
100-E116...100-E146
to 100-E190...100-E205
100-EM4-00
100-E190...100-E205
to 100-E265...100-E370
100-EM5-00
100-E400…100-E750, 100-E1260 (2)
(2) Mounting plate ordered separately
100-EM2-00
100-E860…100-E1060,
100-E2050…100-E2650 (3)
(3) Mounting plate included
100-EM3-00
Rod for vertical mounting
100-E400…E750 reversing contactors
100-EVR750
Mechanical and Electrical Interlock
• For interlocking of two contactors
• Two fixing clips, a mechanical interlock
and an electrical interlock block with A2-
A2 connection included
• Front-face connection of the electrical
interlock block connects the 2 built-in
N.C. interlocking contacts with the
two coils
• The electrical diagram is used with the
A2-A2 connection
Mechanical/electrical
interlock
100-E09…100-E38 (3 pole),
100-E09
400…100-E38400
100-EMCA02
Electronic Timers
Description
Connection
Diagrams
For Use With
Cat. No.
N.O.
N.C.
Electronic Timing Module—ON-Delay
• Delay of the contactor solenoid
• The contactor is energized at the end of the delay time
ON-Delay
0.1…1 s
1…10 s
10…100 s
1
1
100-E09…100-E96
100-ETA
Electronic Timing Module—OFF-Delay
• Delay of the contactor solenoid
• After interruption of the control signal, the contactor is
de-energized a the end of the delay time
OFF-Delay
0.1…1 s
1…10 s
10…100 s
1
1
100-E09…100-E96
100-ETB
DC Interface Module
Description
For Use With
Pkg. Qty.
Cat. No.
DC Interface
• Receives 24V DC signals from PLCs or other low output power sources and
switches AC control power to operate the coils of the contactor
• Coil voltage: 24…250V AC 50/60 Hz
• Rated control circuit voltage Uc: 24VDC
100-E09…100-E96
1
100-EJE
10
100-EJEM
KM1
KM2
01NC
01NC
A2
A2
A1
A2
KM1
55NC
67NO
56NC
68NO
A1
A2
KM1
55NC
67NO
56NC
68NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com