Electronic Components Datasheet Search
  English  ▼

X  

TC855 Datasheet(PDF) 57 Page - Allen-Bradley

Part # TC855
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC855 Datasheet(HTML) 57 Page - Allen-Bradley

Back Button TC855 Datasheet HTML 53Page - Allen-Bradley TC855 Datasheet HTML 54Page - Allen-Bradley TC855 Datasheet HTML 55Page - Allen-Bradley TC855 Datasheet HTML 56Page - Allen-Bradley TC855 Datasheet HTML 57Page - Allen-Bradley TC855 Datasheet HTML 58Page - Allen-Bradley TC855 Datasheet HTML 59Page - Allen-Bradley TC855 Datasheet HTML 60Page - Allen-Bradley TC855 Datasheet HTML 61Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 114 page
background image
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
57
100-C/104-C, 100S-C/104S-C, 100Q-C Contactors
Approximate Dimensions
Table 24 - AC Contactors and DC Contactors with 12V or 24V Electronic Coils
Cat. No.
a
b
c
c1
c2
Ød
d1
d2
100-C09…100-C23
45 (1-25/32)
81 (3-3/16)
80.5 (3-11/64)
75.5 (2-31/32)
6 (15/64)
2 - 4.5 (2 -3/16)
60 (2-23/64)
35 (1-3/8)
100-C30, 100-C37
45 (1-25/32)
81 (3-3/16)
97.5 (4)
92.5 (3-41/64)
6.5 (1/4)
2 - 4.5 (2 -3/16)
60 (2-23/64)
35 (1-3/8)
100-C40
59 (2-21/64)
81 (3-3/16)
100.5 (3-61/64)
95.5 (3-49/64)
6.5 (1/4)
2 - 4.5 (2 -3/16)
60 (2-23/64)
45 (1-25/32)
100-C43, 100-C55
54 (2-1/8)
81 (3-3/16)
100.5 (3-61/64)
95.5 (3-49/64)
6.5 (1/4)
2 - 4.5 (2 -3/16)
60 (2-23/64)
45 (1-25/32)
100-C60…100-C97
72 (2-53/64)
122 (4-51/64)
117 (4-39/64)
111.5 (4-25/64)
8.5 (21/64)
4 - 5.4 (4 - 7/32)
100 (3-15/16)
55 (2-11/64)
100-C90
95 (3-47/64)
122 (4-51/64)
117 (4-39/64)
111.5 (4-25/64)
8.5 (21/64)
4 - 5.4 (4 - 7/32)
100 (3-15/16)
55 (2-11/64)
100S-C09…100S-C23
45 (1-25/32)
81 (3-3/16)
119.5 (4-3/4)
114.5 (4-43/64)
6 (15/64)
2 - 4.5 (2 -3/16)
60 (2-23/64)
35 (1-3/8)
100S-C30, 100S-C37
45 (1-25/32)
81 (3-3/16)
136.5 (5-37/64)
131.6 (5-11/32)
6.5 (1/4)
2 - 4.5 (2 -3/16)
60 (2-23/64)
35 (1-3/8)
100S-C43, 100S-C55
54 (2-1/8)
81 (3-3/16)
139.5 (5-11/16)
134.6 (5-29/64)
6.5 (1/4)
2 - 4.5 (2 -3/16)
60 (2-23/64)
45 (1-25/32)
100S-C60…100S-C97
72 (2-53/64)
122 (4-51/64)
156 (6-11/32)
150.5 (6-1/8)
8.5 (21/64)
4 - 5.4 (4 - 7/32)
100 (3-15/16)
55 (2-11/64)
Table 25 - DC Contactors with Conventional Coils
Cat. No.
a
b
c
c1
c2
Ød
d1
d2
100-C60D…100-C97D
72 (2-53/64)
122 (4-51/64)
117 (4-39/64)
111.5 (4-25/64)
8.5 (21/64)
4 - 5.4 (4 -7/32)
100 (3-15/16)
55 (2-11/64)
100-C90D
95 (3-47/64)
81 (3-3/16)
117 (4-39/64)
111.5 (4-25/64)
8.5 (21/64)
4 - 5.4 (4 - 7/32)
100 (3-15/16)
55 (2-11/64)
100S-C60D...100S-C97D
72 (2-53/64)
122 (4-51/64)
156 (6-11/32)
150.5 (6-1/8)
8.5 (21/64)
4 - 5.4 (4 - 7/32)
100 (3-15/16)
55 (2-11/64)
Table 26 - DC Contactors with 36…48V, 48…72V, 110…125V, or 200…250V DC Electronic Coils
Cat. No.
a
b
c
c1
c2
Ød
d1
d2
100-C09E…100-C23E
45 (1-25/32)
105 (4-1/8)
80.5 (3-11/64)
75.5 (2-31/32)
6 (15/64)
2 - 4.5 (2 -3/16)
60 (2-23/64)
35 (1-3/8)
100-C30E…100-C37E
45 (1-25/32)
105 (4-1/8)
97.5 (4)
92.5 (3-41/64)
6.5 (1/4)
2 - 4.5 (2 -3/16)
60 (2-23/64)
35 (1-3/8)
100-C40E
59 (2-21/64)
105 (4-1/8)
100.5 (3-61/64)
95.5 (3-49/64)
6.5 (1/4)
2 - 4.5 (2 -3/16)
60 (2-23/64)
45 (1-25/32)
100-C43E…100-C55E
54 (2-1/8)
105 (4-1/8)
100.5 (3-61/64)
95.5 (3-49/64)
6.5 (1/4)
2 - 4.5 (2 -3/16)
60 (2-23/64)
45 (1-25/32)
100S-C09E…100S-C23E
45 (1-25/32)
105 (4-1/8)
119.5 (4-3/4)
114.5 (4-43/64)
6 (15/64)
2 - 4.5 (2 -3/16)
60 (2-23/64)
35 (1-3/8)
100S-C30E…100S-C37E
45 (1-25/32)
105 (4-1/8)
136.5 (5-37/64)
131.6 (5-11/32)
6.5 (1/4)
2 - 4.5 (2 -3/16)
60 (2-23/64)
35 (1-3/8)
100S-C43E…100S-C55E
54 (2-1/8)
105 (4-1/8)
139.5 (5-11/16)
134.6 (5-29/64)
6.5 (1/4)
2 - 4.5 (2 -3/16)
60 (2-23/64)
45 (1-25/32)
Table 27 - 100-C/104-C Accessories
Contactors with
mm
(inches)
Auxiliary contact block for front mounting
2- or 4-pole
c/c1 + 39
(c/c1 + 1-37/64)
Auxiliary contact block for side mounting
1- or 2-pole
a + 9
(a + 23/64)
Pneumatic Timing Module
c/c1 + 58
(c/c1 + 2-23/64)
Electronic Timing Module
on coil terminal side
b + 24
(b + 15/16)
Mechanical Interlock
on side of contactor
a + 9
(a + 23/64)
Mechanical Latch
c/c1 + 61
(c/c1 + 2-31/64)
Interface Module
on coil terminal side
b + 9
(b + 23/64)
Surge Suppressor
on coil terminal side
b + 3
(b + 1/8)
Labeling with…
label sheet
+ 0
(+ 0)
marking tag sheet with clear cover
+ 0
(+ 0)
marking tag adapter for System Bul. 1492W
+ 5.5
(+ 7/32)
Terminal Lug Kit
100-C09…C23
b + 53
(b + 2-3/32)
100-C30…C37
b + 44
(b + 1-47/64)
100-C43…C55
b + 52
(b+ 2-3/64)
100-C60…C97
b + 99
(b + 3-7/8)
Paralleling Links
100-C09…C23
b + 78
(b + 3-1/16)
c + 9/5
(c + 3/8)
100-C30…C37
b + 85
(b + 3-11/32)
Auxiliary contact block for side mounting
1- or 2-pole
a + 9
(a + 23/64)
Electronic Timing Module
on coil terminal side
b + 24
(b + 15/16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com